Electronic Components Datasheet Search
  English  ▼

X  

REF3318 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # REF3318
Description  0.9-V to 6.5-V, Nanopower Comparator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

REF3318 Datasheet(HTML) 1 Page - Texas Instruments

  REF3318 Datasheet HTML 1Page - Texas Instruments REF3318 Datasheet HTML 2Page - Texas Instruments REF3318 Datasheet HTML 3Page - Texas Instruments REF3318 Datasheet HTML 4Page - Texas Instruments REF3318 Datasheet HTML 5Page - Texas Instruments REF3318 Datasheet HTML 6Page - Texas Instruments REF3318 Datasheet HTML 7Page - Texas Instruments REF3318 Datasheet HTML 8Page - Texas Instruments REF3318 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Package Footprint Comparison (To Scale)
1 mm
1.25 mm
2 mm
1 mm
Package Height
(To Scale)
Comparison
DCK (SC70)
DPF (DFN)
1.25 mm
1 mm
0.37 mm
0.9 mm
DCK (SC70)
DPF (DFN)
TLV3691
www.ti.com
SBOS694 – DECEMBER 2013
0.9-V to 6.5-V, Nanopower Comparator
Check for Samples: TLV3691
1
FEATURES
DESCRIPTION
The TLV3691 offers a wide supply range, low
•
Low Quiescent Current: 75 nA
quiescent current, and rail-to-rail inputs. All of these
•
Wide Supply:
features come in industry-standard and extremely
–
+0.9 V to +6.5 V
small packages, making this device an excellent
choice for low-voltage and low-power applications.
–
±0.45 V to ±3.25 V
•
microPackages: DFN-6 (1 mm × 1 mm), SC70-5
Available as a single channel, the low-power, wide
supply and temperature range makes this device
•
Input Common-Mode Range Extends 100 mV
flexible enough to handle almost any application from
Beyond Both Rails
consumer to industrial. The TLV3691 is available in
•
Response Time: 24 µs
SC70-5 and 1-mm × 1-mm DFN-6 packages. This
•
Low Input Offset Voltage: ±3 mV
device is specified for operation across the expanded
industrial temperature range of –40°C to +125°C.
•
Push-Pull Output
•
Industrial Temperature Range:
RELATED PRODUCTS
–40°C to +125°C
FEATURES
DEVICE
TLV3201
APPLICATIONS
40-ns, 40-µA, push-pull comparator
TLV3202
•
Over- and Undervoltage Detection
TLV3501
4.5-ns, rail-to-rail, high-speed comparator
•
Window Comparators
TLV3502
•
Overcurrent Detection
TLV3491
•
Zero-Crossing Detection
Nanopower push-pull output comparator
TLV3492
•
System Monitoring:
TLV3494
REF3312
–
Smart Phones
REF3318
–
Tablets
REF3320
–
Industrial Sensors
3.9-µA, SC70-3 voltage reference
REF3325
–
Portable Medical
REF3330
REF3333
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - REF3318

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
REF3318 TI-REF3318 Datasheet
490Kb / 18P
3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
REF3318 TI1-REF3318 Datasheet
1Mb / 35P
SC70-3, SOT-23-3, and UQFN-8, 30-ppm Drift Voltage Reference
REF3318 TI1-REF3318 Datasheet
1Mb / 37P
3.9-關A, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/C Drift Voltage Reference
REF3318 TI2-REF3318 Datasheet
1Mb / 39P
REF33xx 3.9-μA, SC70-3, SOT-23-3, and UQFN-8, 30-ppm/°C Drift Voltage Reference
REVISED AUGUST 2019
REF3318AIDBZR TI-REF3318AIDBZR Datasheet
490Kb / 18P
3.9關A, SC70-3, 30ppm/째C Drift VOLTAGE REFERENCE
More results

Similar Description - REF3318

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
Nanopower Comparator with Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
logo
STMicroelectronics
TS881 STMICROELECTRONICS-TS881 Datasheet
815Kb / 17P
Rail-to-rail 1.1 V nanopower comparator
18-Jul-2012
logo
Linear Technology
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
Nanopower Comparator with Reference
logo
Texas Instruments
TLV1701 TI1-TLV1701 Datasheet
1Mb / 18P
2.2-V to 36-V, microPower Comparator
logo
Linear Technology
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
Nanopower Comparator with Reference
logo
Texas Instruments
TLV1701 TI-TLV1701_15 Datasheet
1Mb / 33P
TLV170x 2.2-V to 36-V, microPower Comparator
TLV3691 TI-TLV3691_15 Datasheet
2Mb / 23P
0.9-V to 6.5-V, Nanopower Comparator
TLV3691 TI1-TLV3691_15 Datasheet
3Mb / 29P
Nanopower Comparator
TLV1701-Q1 TI1-TLV1701-Q1 Datasheet
1Mb / 27P
2.2-V to 36-V, microPower Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com