| Electronic Components Datasheet Search |
|
MB91121 Datasheet(PDF) 8 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB91121 Datasheet(HTML) 8 Page - fujitsu semiconductor |
|
8 / 97 page ![]() MB91121 8 47 DACK1/PE5 F [DACK1] DMAC external transfer request acknowledge output (ch1) . This function is enabled with the DMAC transfer request ac- knowledge output flag set to “Enabled”. [PE5] General-purpose I/O port. This function is enabled with the DMAC transfer request acknowledge output flag or DACK0 output flag set to “Disabled”. 48 EOP1/PE6 F [EOP1] DMAC EOP output (ch1) . This function is enabled with the EOP output flag set to “Enabled”. [PE6] General-purpose I/O port 49 DREQ2/PE7 F [DREQ2] DMA external transfer request input (ch2) . Since this input is used whenever the DMA external transfer request has been selected as a DMA transfer trigger event, the output by the other function must remain off unless used intentionally. [PE7] General-purpose I/O port 50 DACK2/PI0 F [DACK2] DMAC external transfer request acknowledge output (ch2) . This function is enabled with the DMAC transfer request ac- knowledge output flag set to “Enabled”. [PI0] General-purpose I/O port. This function is enabled with the DMAC transfer request acknowledge output flag or DACK0 output flag set to "Disabled". 51 EOP2/ATG/PI1 F [EOP2] DMAC EOP output (ch2) . This function is enabled with the EOP output flag set to “Enabled”. [ATG] A/D converter external trigger input. Since this input is used whenever the A/D converter external trigger signal has been se- lected as an A/D trigger event, the output by the other function must remain off unless used intentionally. [PI1] General-purpose I/O port. This function is enabled with the DMAC transfer termination signal output flag set to “Disabled”. 53 54 X1 X0 A Clock (oscillation) output. Clock (oscillation) input. 56 57 58 59 60 RAS0/PB0 CSOL/PB1 CSOH/PB2 DW0/PB3 RAS1/PB4 F RAS output of DRAM bank 0 CASL output of DRAM bank 0 CASH output of DRAM bank 0 WE output of DRAM bank 0 (Low active) RAS output of DRAM bank 1 [PB0 to PB3] Can serve as a port when not used for signal output. 61 62 63 CS1L/PB5 CS1H/PB6 DW1/PB7 F CASL output of DRAM bank 1 CASH output of DRAM bank 1 WE output of DRAM bank 1 (Low active) [PB5 to PB7] Can serve as a port when not used for signal output. 65 CS0 M Chip select 0 output (Low active) . (Continued) Pin no. Pin name Circuit type Function (Continued) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |