Electronic Components Datasheet Search
  English  ▼

X  

MB91121 Datasheet(PDF) 21 Page - fujitsu semiconductor

Part # MB91121
Description  32-bit RISC Microcontroller CMOS
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91121 Datasheet(HTML) 21 Page - fujitsu semiconductor

Back Button MB91121 Datasheet HTML 17Page - fujitsu semiconductor MB91121 Datasheet HTML 18Page - fujitsu semiconductor MB91121 Datasheet HTML 19Page - fujitsu semiconductor MB91121 Datasheet HTML 20Page - fujitsu semiconductor MB91121 Datasheet HTML 21Page - fujitsu semiconductor MB91121 Datasheet HTML 22Page - fujitsu semiconductor MB91121 Datasheet HTML 23Page - fujitsu semiconductor MB91121 Datasheet HTML 24Page - fujitsu semiconductor MB91121 Datasheet HTML 25Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 97 page
background image
MB91121
21
s SETTING MODE
1.
Pin
• Mode setting pins and modes
* : MB91121 does not support single-chip mode.
2.
Registers
• Mode setting registers (MODR) and modes
• Bus mode setting bits and functions
Note : Because of without internal ROM, MB91121 allows “10B” setting value only.
Mode setting pins
Mode name
Reset vector
access area
External data
bus width
Bus mode
MD3 MD2 MD1 MD0
1000
External vector mode 0
External
8 bits
External ROM/external
bus mode
1001
External vector mode 1
External
16 bits
1010

Inhibited
1011
Internal vector mode
Internal
(Mode register)
Single-chip mode*
11

Inhibited
0

Inhibited
M1
M0
Functions
Note
0
0
Single-chip mode
0
1
Internal ROM/external bus mode
1
0
External ROM/external bus mode
11
Inhibited
W : Write only
X
: Indeterminate
*
: Always write “0” except for M1 and M0.
M1
M0
******
Initial value
Access
XXXX XXXXB
W
Address
0000 07FFH
Bus mode setting bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com