Electronic Components Datasheet Search
  English  ▼

X  

MB91121 Datasheet(PDF) 18 Page - fujitsu semiconductor

Part # MB91121
Description  32-bit RISC Microcontroller CMOS
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91121 Datasheet(HTML) 18 Page - fujitsu semiconductor

Back Button MB91121 Datasheet HTML 14Page - fujitsu semiconductor MB91121 Datasheet HTML 15Page - fujitsu semiconductor MB91121 Datasheet HTML 16Page - fujitsu semiconductor MB91121 Datasheet HTML 17Page - fujitsu semiconductor MB91121 Datasheet HTML 18Page - fujitsu semiconductor MB91121 Datasheet HTML 19Page - fujitsu semiconductor MB91121 Datasheet HTML 20Page - fujitsu semiconductor MB91121 Datasheet HTML 21Page - fujitsu semiconductor MB91121 Datasheet HTML 22Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 97 page
background image
MB91121
18
2.
Registers
The FR family has two types of registers; dedicated registers embedded on the CPU and general-purpose
registers on memory.
• Dedicated registers
Program counter (PC)
: 32-bit length, indicates the location of the instruction to be executed.
Program status (PS)
: 32-bit length, register for storing register pointer or condition codes
Table base register (TBR)
: Holds top address of vector table used in EIT (Exceptional/Interrupt/Trap)
processing.
Return pointer (RP)
: Holds address to resume operation after returning from a subroutine.
System stack pointer (SSP) : Indicates system stack space.
User’s stack pointer (USP)
: Indicates user’s stack space.
Multiplication/division result register (MDH/MDL) : 32-bit length, register for multiplication/division
• Program status (PS)
The PS register is for holding program status and consists of a condition code register (CCR) , a system condition
code register (SCR) and a interrupt level mask register (ILM) .
32 bit
Initial value
PC
Program counter
XXXX XXXXH Indeterminate
PS
Program status
TBR
Table base register
0 0 0 F FC0 0H
RP
Return pointer
XXXX XXXXH Indeterminate
SSP
System stack pointer
0000 0000H
USP
User’s stack pointer
XXXX XXXXH Indeterminate
MDH
XXXX XXXXH Indeterminate
Multiplication/division result register
MDL
XXXX XXXXH Indeterminate
31
20
19
18
17
16
10
9876543210
PS
 ILM4 ILM3 ILM2 ILM1 ILM0 
D1
D0
T

SI
N
Z
V
C
ILM
SCR
CCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com