Electronic Components Datasheet Search
  English  ▼

X  

K3326 Datasheet(PDF) 3 Page - NEC

Part # K3326
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K3326 Datasheet(HTML) 3 Page - NEC

  K3326 Datasheet HTML 1Page - NEC K3326 Datasheet HTML 2Page - NEC K3326 Datasheet HTML 3Page - NEC K3326 Datasheet HTML 4Page - NEC K3326 Datasheet HTML 5Page - NEC K3326 Datasheet HTML 6Page - NEC K3326 Datasheet HTML 7Page - NEC K3326 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D14204EJ1V0DS00
3
2SK3326
TYPICAL CHARACTERISTICS(TA = 25 °C)
Figure1. DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
40
60
100
120
140
160
20
40
60
80
100
Tc - Case Temperature - ˚C
020
80
Figure2. TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
20
40
60
80
100
120
140
160
Tc - Case Temperature - ˚C
0
50
40
30
20
10
Figure3. FORWARD BIAS SAFE OPERATING AREA
100
10
0.1
10
100
1000
VDS - Drain to Source Voltage - V
1
1
Power
Dissipation
Limited
10
ms
ID (DC)
ID (pulse)
100
µ
s
Tc = 25 ˚C
Single Pulse
PW
=
10
µ
s
1ms
R
DS(on)
Limited
(at
V
GS
= 10
V)
100
ms
Figure4. DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
0
4
8
12
16
VDS - Drain to Source Voltage - V
20
10
Pulsed
VGS = 20 V
10 V
8.0 V
VGS = 6.0 V
Figure5. DRAIN CURRENT vs.
GATE TO SOURCE VOLTAGE
0
VGS - Gate to Source Voltage - V
Pulsed
100
10
0.0001
0.001
0.01
0.1
1
510
15
TA = –25 ˚C
25 ˚C
75 ˚C
125 ˚C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com