Electronic Components Datasheet Search
  English  ▼

X  

K3326 Datasheet(PDF) 4 Page - NEC

Part # K3326
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K3326 Datasheet(HTML) 4 Page - NEC

  K3326 Datasheet HTML 1Page - NEC K3326 Datasheet HTML 2Page - NEC K3326 Datasheet HTML 3Page - NEC K3326 Datasheet HTML 4Page - NEC K3326 Datasheet HTML 5Page - NEC K3326 Datasheet HTML 6Page - NEC K3326 Datasheet HTML 7Page - NEC K3326 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D14204EJ1V0DS00
4
2SK3326
Figure6. TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
100
10
1
0.1
0.0001
0.001
0.01
0.1
1
10
100
1000
PW - Pulse Width - s
Tc = 25 ˚C
Single Pulse
0.01
Rth(ch-C) = 3.2 ˚C/W
Rth(ch-A) = 62.5 ˚C/W
Figure7. FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
10
1
0.1
110
ID - Drain Current - A
0.01
0.01
100
0.1
TA = –25 ˚C
25 ˚C
75 ˚C
125 ˚C
VDS = 10 V
Pulsed
Figure8. DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
10
15
20
VGS - Gate to Source Voltage - V
Pulsed
25
05
0.0
2.0
1.0
ID = 10 A
5.0 A
2.0 A
3.0
2.0
0
Figure9. DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
0.1
10
ID - Drain Current - A
1
Pulsed
1.0
100
1.0
0.0
–50
0
50
100
150
200
Tch - Channel Temperature - ˚C
Figure10. GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
2.0
3.0
4.0
VDS = 10 V
ID = 1 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com