Electronic Components Datasheet Search
  English  ▼

X  

K3326 Datasheet(PDF) 6 Page - NEC

Part # K3326
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

K3326 Datasheet(HTML) 6 Page - NEC

  K3326 Datasheet HTML 1Page - NEC K3326 Datasheet HTML 2Page - NEC K3326 Datasheet HTML 3Page - NEC K3326 Datasheet HTML 4Page - NEC K3326 Datasheet HTML 5Page - NEC K3326 Datasheet HTML 6Page - NEC K3326 Datasheet HTML 7Page - NEC K3326 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet D14204EJ1V0DS00
6
2SK3326
Figure17. SINGLE AVALANCHE ENERGY vs
STARTING CHANNEL TEMPERATURE
16
14
12
10
8
6
4
2
0
25
50
75
100
125
ID(peak) = IAS
RG = 25
Ω
VGS = 20 V
→ 0 V
VDD = 150 V
150
175
EAS = 10.7 mJ
Starting Tch - Starting Channel Temperature - ˚C
Figure18. SINGLE AVALANCHE ENERGY vs
INDUCTIVE LOAD
100
10
1
IAS = 10 A
E
AS = 10.7
mJ
RG = 25
Ω
VDD = 150 V
VGS = 20 V
→ 0 V
Starting Tch = 25 ˚C
L - Inductive Load - H
0.1
1 m
10 m
10
µ
100
µ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com