Electronic Components Datasheet Search
  English  ▼

X  

ST1L05 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST1L05
Description  Very low quiescent current BiCMOS voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L05 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST1L05 Datasheet HTML 4Page - STMicroelectronics ST1L05 Datasheet HTML 5Page - STMicroelectronics ST1L05 Datasheet HTML 6Page - STMicroelectronics ST1L05 Datasheet HTML 7Page - STMicroelectronics ST1L05 Datasheet HTML 8Page - STMicroelectronics ST1L05 Datasheet HTML 9Page - STMicroelectronics ST1L05 Datasheet HTML 10Page - STMicroelectronics ST1L05 Datasheet HTML 11Page - STMicroelectronics ST1L05 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Maximum ratings
ST1L05
8/30
DocID14492 Rev 3
3
Maximum ratings
Table 3. Absolute maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Symbol
Parameter
Value
Unit
VI
DC supply voltage
-0.3 to 7
V
VO
DC output voltage
-0.3 to 7
V
PG
Power Good
-0.3 to 7
V
EN
Enable pin
-0.3 to 7
V
ADJ/VOUT_SENSE
Adjust pin or VO sense
4
V
PD
Power dissipation
Internally limited
W
IO
Output current
Internally limited
A
TOP
Operating junction temperature range
0 to 150
°C
TSTG
Storage temperature range(1)
1.
Storage temperature > 125 °C is acceptable only if the regulator is soldered to a PCBA.
-65 to 150
°C
TLEAD
Lead temperature (soldering) 10 seconds
260
°C
Table 4. Thermal data
Symbol
Parameter
DFN6
DFN8
Unit
RthJC
Thermal resistance junction-case
10
4
°C/W
RthJA
Thermal resistance junction-ambient
55
40
°C/W
Table 5. ESD data
Symbol
Parameter
Value
Unit
HBM
Human body model
2
kV
MM
Machine model
150
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com