Electronic Components Datasheet Search
  English  ▼

X  

ST1L05 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST1L05
Description  Very low quiescent current BiCMOS voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L05 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST1L05 Datasheet HTML 7Page - STMicroelectronics ST1L05 Datasheet HTML 8Page - STMicroelectronics ST1L05 Datasheet HTML 9Page - STMicroelectronics ST1L05 Datasheet HTML 10Page - STMicroelectronics ST1L05 Datasheet HTML 11Page - STMicroelectronics ST1L05 Datasheet HTML 12Page - STMicroelectronics ST1L05 Datasheet HTML 13Page - STMicroelectronics ST1L05 Datasheet HTML 14Page - STMicroelectronics ST1L05 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
DocID14492 Rev 3
11/30
ST1L05
Electrical characteristics
30
Refer to the typical application schematic, VI = 4.5 V to 5.5 V, VEN = 2 V, IO = 5 mA to 1.3 A,
CI = CO = 4.7 µF, TJ = 0 to 125 °C, unless otherwise specified. Intended typical value is
TJ = 25 °C unless otherwise specified.
Table 8. ST1L05CPU33R electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
VI = 4.75 V to 5.25 V, T = 25 °C
3.234
3.3
3.366
V
VO
Output voltage
VI = 4.75 V to 5.25 V
3.2175
3.3
3.3825
V
ΔVO
Line regulation
VI = 4.75 V to 5.25 V
15
mV
ΔVO
Load regulation
VI = 4.75 V, IO = 10 mA to 1.3 A
15
30
mV
IS
Output current limit
VI = 5.5 V
1.3
A
IOMIN
Minimum output current for
regulation
0mA
Vd
Dropout voltage
IO = 0.8 A
0.2
0.4
V
IO = 1 A
0.25
0.45
V
IO = 1.3 A
0.3
0.5
V
IQ
Quiescent current
VI = 5 V, IO = 2 mA to 1.3 A,
T = 25 °C
350
500
µA
VI = 5.5 V, IO = 2 mA to 1.3 A
350
650
VEN_H
Enable threshold high
VI = 4.5 V to 5.25, IO = 50 mA
2
V
VEN_L
Enable threshold low
VI = 4.5 V to 5.25, IO = 50 mA
0.8
IEN
Enable pin current
VEN = VI = 5 V
2
µA
SVR
Supply voltage rejection(1)
VI = 5 ± 0.5 V, IO = 5 mA,
f = 120 Hz
50
65
dB
eN
RMS output noise(1)
B = 10 Hz to 10 kHz, VI = 5 V,
IO = 5 mA
0.003
%VO
ΔVO/ΔIO Load transient (rising) (1)(2)
VI = 5 V, any 200 mA step from
100 mA to 1.3 A, tR ≥ 1 µs
5%VO
ΔVO/ΔIO Load transient (falling)(1)(2)
VI = 5 V, IO = 1.3 A to 10 mA,
tF ≥ 1 µs
3.6
V
ΔVO/ΔVI Start-up transient (1)(2)
VI = 0 V to 5 V, IO = 10 mA to 1.3 A,
tR ≥ 1 µs
3.5
V
ΔVO/ΔIO
Short-circuit removal
response (1)(2)
VI = 5 V, IO = short to 10 mA
3.5
V
TSH
Thermal shutdown trip point(1)
VI = 5 V
165
°C
1.
Guaranteed by design. Not tested in production.
2.
CI =10 µF, CO =10 µF, all X7R ceramic capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com