Electronic Components Datasheet Search
  English  ▼

X  

ST1L05 Datasheet(PDF) 16 Page - STMicroelectronics

Part # ST1L05
Description  Very low quiescent current BiCMOS voltage regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L05 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ST1L05 Datasheet HTML 12Page - STMicroelectronics ST1L05 Datasheet HTML 13Page - STMicroelectronics ST1L05 Datasheet HTML 14Page - STMicroelectronics ST1L05 Datasheet HTML 15Page - STMicroelectronics ST1L05 Datasheet HTML 16Page - STMicroelectronics ST1L05 Datasheet HTML 17Page - STMicroelectronics ST1L05 Datasheet HTML 18Page - STMicroelectronics ST1L05 Datasheet HTML 19Page - STMicroelectronics ST1L05 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Typical characteristics
ST1L05
16/30
DocID14492 Rev 3
Figure 18. Supply voltage rejection vs
temperature
Figure 19. Supply voltage rejection vs
frequency
Figure 20. Load transient
Figure 21. Short-circuit removal transient
IO=10 mA to 1.3 A, CI=CO=10 µF, VEN=VI=5 V, VO@3.3 V
IO=10 mA to short, CI=CO=10 µF, VEN=VI=5.5 V
Figure 22. Line transient
Figure 23. Enable transient
CI=CO=4.7 µF, VI=3 to 5.5V, IO=5 mA
CO=CI=4.7 µF, VEN=0 to 2 V, VI=5.5 V, IO=5 mA
50
55
60
65
70
75
80
-30
-5
20
45
70
95
120
145
T[°C]
V
EN = VI = from 3 to 5.5 V, IO = 5 mA, VO = 1.22 V,
C
I = CO = 4.7 µF, F = 120 Hz
50
55
60
65
70
75
80
-30
-5
20
45
70
95
120
145
T[°C]
V
EN = VI = from 3 to 5.5 V, IO = 5 mA, VO = 1.22 V,
C
I = CO = 4.7 µF, F = 120 Hz
20
30
40
50
60
70
80
10
100
1000
10000
100000
1000000
Frequency [Hz]
V
EN = VI = 3 to 5.5 V, IO = 5 mA, VO = 1.22 V, CI = CO = 4.7 µF
20
30
40
50
60
70
80
10
100
1000
10000
100000
1000000
Frequency [Hz]
V
EN = VI = 3 to 5.5 V, IO = 5 mA, VO = 1.22 V, CI = CO = 4.7 µF
V
O
V
I
V
O
V
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com