Electronic Components Datasheet Search
  English  ▼

X  

2N685 Datasheet(PDF) 6 Page - Microsemi Corporation

Part # 2N685
Description  PNPN SILICON, REVERSE-BLOCKING, POWER TRIODE THYRISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N685 Datasheet(HTML) 6 Page - Microsemi Corporation

  2N685 Datasheet HTML 1Page - Microsemi Corporation 2N685 Datasheet HTML 2Page - Microsemi Corporation 2N685 Datasheet HTML 3Page - Microsemi Corporation 2N685 Datasheet HTML 4Page - Microsemi Corporation 2N685 Datasheet HTML 5Page - Microsemi Corporation 2N685 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
T4-LDS-0249, Rev. 1 (120183)
©2011 Microsemi Corporation
Page 6 of 6
2N682, 2N683, 2N685 – 2N692
and 2N5206
PACKAGE DIMENSIONS
NOTES:
1. Dimensions are in inches. Millimeters are given for general information
only.
2. Device contour, except on hex head and noted terminal dimensions, is
optional within zone defined by CD and OAH, CD not to exceed actual
HF.
3. Contour and angular orientation of terminals 1 and 2 with respect to
hex portion and to each other are optional.
4. Chamfer or undercut on one or both ends of the hexagonal portion are
optional.
5. Square or radius on end of terminal is optional.
6. Minimum difference in terminal lengths to establish datum line for
numbering terminals.
7. Dimension SD is pitch diameter of coated threads.
8.
In accordance with ASME Y14.5M, diameters are equivalent to Φx
symbology.
Dimensions
Ltr
Inches
Millimeters
Notes
Min
Max
Min
Max
b
.115
.139
2.92
3.53
3
b1
.210
.300
5.33
7.62
3
CD
.543
13.8
2
CH
.550
14.00
e2
.125
3.17
6
HF
.544
.563
13.8
14.3
HT
.075
.200
1.9
5.08
4
OAH
1.193
30.3
2
S
.120
3.05
3
SD
¼ - 28 UNF 2A
SL
.422
.453
10.7
11.5
SU
.090
2.29
ΦT
.125
.165
3.17
4.19
ΦT1
.060
.075
1.52
1.9
UD
.220
.249
5.59
6.32
Terminal 1
Gate
Terminal 2
Cathode
5
Terminal 3
Anode (Stud)
7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com