Electronic Components Datasheet Search
  English  ▼

X  

LPV7215MFNOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LPV7215MFNOPB
Description  LPV7215Q Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV7215MFNOPB Datasheet(HTML) 3 Page - Texas Instruments

  LPV7215MFNOPB Datasheet HTML 1Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 2Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 3Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 4Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 5Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 6Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 7Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 8Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LPV7215
www.ti.com
SNOSAI6I – SEPTEMBER 2005 – REVISED APRIL 2013
1.8V ELECTRICAL CHARACTERISTICS
(1) (continued)
Unless otherwise specified, all limits are specified for TA = 25°C, V
+ = 1.8V, V− = 0V, and V
CM = V
+/2, V
O= V
−. Boldface limits
apply at the temperature extremes.
Symbol
Parameter
Conditions
Min (2)
Typ (3)
Max (2)
Units
CMRR
Common Mode Rejection Ratio
VCM Stepped from 0V to 0.7V
66
88
62
VCM Stepped from 1.2V to 1.8V
68
87
dB
62
VCM Stepped from 0V to 1.8V
44
77
43
PSRR
Power Supply Rejection Ratio
V+ = 1.8V to 5.5V, VCM = 0V
66
82
dB
63
CMVR
Input Common-Mode Voltage Range
CMRR
≥ 40 dB
−0.1
1.9
V
AV
Voltage Gain
120
dB
VO
Output Swing High
IO = 500 µA
1.63
1.69
1.58
V
IO = 1 mA
1.46
1.60
1.37
Output Swing Low
IO = −500 µA
88
180
230
mV
IO = −1 mA
180
310
400
IOUT
Output Current
Source
1.75
2.26
VO = V
+/2
1.3
mA
Sink
2.35
3.1
VO = V
+/2
1.45
Propagation Delay
Overdrive = 10 mV
13
(High to Low)
μs
Overdrive = 100 mV
4.5
6.5
9
Propagation Delay
Overdrive = 10 mV
12.5
(Low to High)
μs
Overdrive = 100 mV
6.6
9
12
trise
Rise Time
Overdrive = 10 mV
80
CL = 30 pF, RL = 1 MΩ
ns
Overdrive = 100 mV
75
CL = 30 pF, RL = 1 MΩ
tfall
Fall Time
Overdrive = 10 mV
70
CL = 30 pF, RL = 1 MΩ
ns
Overdrive = 100 mV
65
CL = 30 pF, RL = 1 MΩ
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LPV7215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com