Electronic Components Datasheet Search
  English  ▼

X  

LPV7215MFNOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LPV7215MFNOPB
Description  LPV7215Q Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV7215MFNOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LPV7215MFNOPB Datasheet HTML 9Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 10Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 11Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 12Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 13Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 14Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 15Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 16Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
TIME (2 Ps/DIV)
5
4
3
2
1
0
TIME (2 Ps/DIV)
5
4
3
2
1
0
LPV7215
www.ti.com
SNOSAI6I – SEPTEMBER 2005 – REVISED APRIL 2013
Figure 32. Output Signal without Capacitive Load
The plot in Figure 33 shows the output signal when a 20 pF capacitor is added as a load. The step is at about
2.5V.
Figure 33. Output Signal with 20 pF Load
CAPACITIVE AND RESISTIVE LOADS
The propagation delay is not affected by capacitive loads at the output of the LPV7215Q. However, resistive
loads slightly affect the propagation delay on the falling edge by a reduction of almost 2 µs depending on the
load resistance value.
NOISE
Most comparators have rather low gain. This allows the output to spend time between high and low when the
input signal changes slowly. The result is that the output may oscillate between high and low when the
differential input is near zero. The exceptionally high gain of this comparator, 120 dB, eliminates this problem.
Less than 1 µV of change on the input will drive the output from one rail to the other rail. If the input signal is
noisy, the output cannot ignore the noise unless some hysteresis is provided by positive feedback. (See section
on adding hysteresis.)
LAYOUT/BYPASS CAPACITORS
Proper grounding and the use of a ground plane will help to ensure the specified performance of the LPV7215Q.
Minimizing trace lengths, reducing unwanted parasitic capacitance and using surface-mount components will also
help.
Comparators are very sensitive to input noise. To minimize supply noise, power supplies should be capacitively
decoupled by a 0.01 µF ceramic capacitor in parallel with a 10 µF electrolytic capacitor.
HYSTERESIS
In order to improve propagation delay when low overdrive is needed hysteresis can be added.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LPV7215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com