Electronic Components Datasheet Search
  English  ▼

X  

LPV7215MFNOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LPV7215MFNOPB
Description  LPV7215Q Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV7215MFNOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LPV7215MFNOPB Datasheet HTML 4Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 5Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 6Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 7Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 8Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 9Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 10Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 11Page - Texas Instruments LPV7215MFNOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
1
2
3
4
5
6
6
7
8
9
10
11
12
13
SUPPLY VOLTAGE (V)
85°C
-40°C
25°C
VOD = 20 mV
VCM = V
+
/2
1
2
3
4
5
6
5
10
15
20
25
SUPPLY VOLTAGE (V)
85°C
-40°C
25°C
VOD = 20 mV
VCM = V
+
/2
0
1
2
3
4
5
6
SOURCE CURRENT (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
VCC = 1.8V
VCC = 2.7V
VCC = 5V
85°C
0
1
2
3
4
5
6
SOURCE CURRENT (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
25°C
-40°C
0
1
2
3
4
5
6
SINK CURRENT (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
VCC = 1.8V
VCC = 5V
VCC = 2.7V
0
1
2
3
4
5
6
SINK CURRENT (mA)
0
0.1
0.2
0.3
0.4
0.5
0.6
85°C
25°C
-40°C
LPV7215
SNOSAI6I – SEPTEMBER 2005 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
At TJ = 25°C unless otherwise specified.
Output Voltage Low vs. Sink Current
Output Voltage Low vs. Sink Current
Figure 10.
Figure 11.
Output Voltage High vs. Source Current
Output Voltage High vs. Source Current
Figure 12.
Figure 13.
Propagation Delay vs. Supply Voltage
Propagation Delay vs. Supply Voltage
Figure 14.
Figure 15.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LPV7215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com