Electronic Components Datasheet Search
  English  ▼

X  

ADS930 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS930
Description  8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS930 Datasheet(HTML) 3 Page - Texas Instruments

  ADS930 Datasheet HTML 1Page - Texas Instruments ADS930 Datasheet HTML 2Page - Texas Instruments ADS930 Datasheet HTML 3Page - Texas Instruments ADS930 Datasheet HTML 4Page - Texas Instruments ADS930 Datasheet HTML 5Page - Texas Instruments ADS930 Datasheet HTML 6Page - Texas Instruments ADS930 Datasheet HTML 7Page - Texas Instruments ADS930 Datasheet HTML 8Page - Texas Instruments ADS930 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ADS930
3
SBAS059A
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +3V, Single-ended Input and Sampling Rate = 30MHz, unless otherwise specified.
ADS930E
PARAMETER
CONDITIONS
TEMP
MIN
TYP
MAX
UNITS
Differential Gain Error
NTSC, PAL
2.3
%
Differential Phase Error
NTSC, PAL
1
degrees
Output Noise
Input Grounded
0.2
LSBs rms
Aperture Delay Time
2ns
Aperture Jitter
7
ps rms
Analog Input Bandwidth
Small Signal
–20dBFS Input
350
MHz
Full Power
0dBFS Input
100
MHz
Overvoltage Recovery Time(4)
2ns
DIGITAL OUTPUTS
CL = 15pF
Logic Family
TTL/HCT Compatible CMOS
Logic Coding
Straight Offset Binary
High Output Voltage, VOH
+2.4
LVDD
V
Low Output Voltage, VOL
0.4
V
3-State Enable Time
OE = L
20
40
ns
3-State Disable Time
OE = H
2
10
ns
Internal Pull-Down
50
k
Ω
Power-Down Enable Time
PwrDn = L
133
ns
Power-Down Disable Time
PwrDn = H
18
ns
Internal Pull-Down
50
k
Ω
ACCURACY
fS = 2.5MHz
Gain Error
Full
5.9
10
%FS
Input Offset
Referred to Ideal Midscale
Full
±10
±60
mV
Power Supply Rejection (Gain)
∆ V
S = +10%
Full
56
dB
Power Supply Rejection (Offset)
Full
56
dB
Internal Positive Reference Voltage
Full
+1.75
V
Internal Negative Reference Voltage
Full
+1.25
V
POWER SUPPLY REQUIREMENTS
Supply Voltage: +VS
Operating
Full
+2.7
+3.0
+5.25
V
Supply Current: +IS
Operating, +3V
Full
22
mA
Power Dissipation
Operating, +3V
Full
66
84
mW
Operating, +5V
Full
168
mW
Power Dissipation (Power Down)
Operating, +3V
Full
10
mW
Operating, +5V
Full
15
mW
Thermal Resistance,
θ
JA
SSOP-28
89
°C/W
NOTES: (1) Spurious Free Dynamic Range refers to the magnitude of the largest harmonic. (2) dBFS means dB relative to full scale. (3) Two-tone intermodulation
distortion is referred to the largest fundamental tone. This number will be 6dB higher if it is referred to the magnitude of the two-tone fundamental envelope. (4) No
“Rollover” of bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com