Electronic Components Datasheet Search
  English  ▼

X  

ADS930 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS930
Description  8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS930 Datasheet(HTML) 4 Page - Texas Instruments

  ADS930 Datasheet HTML 1Page - Texas Instruments ADS930 Datasheet HTML 2Page - Texas Instruments ADS930 Datasheet HTML 3Page - Texas Instruments ADS930 Datasheet HTML 4Page - Texas Instruments ADS930 Datasheet HTML 5Page - Texas Instruments ADS930 Datasheet HTML 6Page - Texas Instruments ADS930 Datasheet HTML 7Page - Texas Instruments ADS930 Datasheet HTML 8Page - Texas Instruments ADS930 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADS930
4
SBAS059A
PIN CONFIGURATION
PIN
DESIGNATOR
DESCRIPTION
1+VS
Analog Supply
2LVDD
Output Logic Driver Supply Voltage
3
NC
No Connection
4
NC
No Connection
5
Bit 8 (LSB)
Data Bit 8 (D7)
6
Bit 7
Data Bit 7 (D6)
7
Bit 6
Data Bit 6 (D5)
8
Bit 5
Data Bit 5 (D4)
9
Bit 4
Data Bit 4 (D3)
10
Bit 3
Data Bit 3 (D2)
11
Bit 2
Data Bit 2 (D1)
12
Bit 1(MSB)
Data Bit 1 (D0)
13
GND
Analog Ground
14
GND
Analog Ground
15
CLK
Convert Clock Input
16
OE
Output Enable, Active Low
17
Pwrdn
Power Down Pin
18
+VS
Analog Supply
19
GND
Analog Ground
20
GND
Analog Ground
21
LpBy
Positive Ladder Bypass
22
NC
No Connection
23
1VREF
1V Reference Output
24
IN
Complementary Input
25
LnBy
Negative Ladder Bypass
26
CM
Common-Mode Voltage Output
27
+IN
Analog Input
28
+VS
Analog Supply
PIN DESCRIPTIONS
TIMING DIAGRAM
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tCONV
Convert Clock Period
33
100
µsns
tL
Clock Pulse Low
15.5
16.5
ns
tH
Clock Pulse High
15.5
16.5
ns
tD
Aperture Delay
2
ns
t1
Data Hold Time, CL = 0pF
3.9
ns
t2
New Data Delay Time, CL = 15pF max
12
ns
5 Clock Cycles
Data Invalid
t
D
t
L
t
H
t
CONV
N–5N–4N–3N–2N–1
N
N+1
N+2
Data Out
Clock
Analog In
N
t
2
N+1
N+2
N+3
N+4
N+5
N+6
N+7
t
1
Top View
SSOP
+V
S
LV
DD
NC
NC
LSB Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
MSB Bit 1
GND
GND
+V
S
+IN
CM
LnBy
IN
1V
REF
NC
LpBy
GND
GND
+V
S
Pwrdn
OE
CLK
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
ADS930



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com