Electronic Components Datasheet Search
  English  ▼

X  

ADS930 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ADS930
Description  8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS930 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADS930 Datasheet HTML 5Page - Texas Instruments ADS930 Datasheet HTML 6Page - Texas Instruments ADS930 Datasheet HTML 7Page - Texas Instruments ADS930 Datasheet HTML 8Page - Texas Instruments ADS930 Datasheet HTML 9Page - Texas Instruments ADS930 Datasheet HTML 10Page - Texas Instruments ADS930 Datasheet HTML 11Page - Texas Instruments ADS930 Datasheet HTML 12Page - Texas Instruments ADS930 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADS930
9
SBAS059A
R
1
1k
Ω
OPA680
V
IN
R
F
402
Ω
R
S
50
Ω
R
G
402
Ω
V
CM
C
1
0.1µF
0.1µF
IN
IN
CM
+5V
+3V
C
G
0.1µF
22pF
ADS930
R
P
402
Ω
The pipelined quantizer architecture has 7 stages with each
stage containing a two-bit quantizer and a two bit Digital-
to-Analog Converter (DAC), as shown in Figure 2. Each
two-bit quantizer stage converts on the edge of the sub-
clock, which is the same frequency of the externally applied
clock. The output of each quantizer is fed into its own delay
line to time-align it with the data created from the subse-
quent quantizer stages. This aligned data is fed into a digital
error correction circuit which can adjust the output data
based on the information found on the redundant bits. This
technique provides the ADS930 with excellent differential
linearity and guarantees no missing codes at the 8-bit level.
The ADS930 includes an internal reference circuit that
provides the bias voltages for the internal stages (for details
see “Internal Reference”). A midpoint voltage is established
by the built-in resistor ladder which is made available at pin
26 “CM”. This voltage can be used to bias the inputs up to
the recommended common-mode voltage or to level shift
the input driving circuitry. The ADS930 can be used in both
a single-ended or differential input configuration. When
operated in single-ended mode, the reference midpoint (pin
26) should be tied to the inverting input, pin 24.
To accommodate a bipolar signal swing, the ADS930 oper-
ates with a common-mode voltage (VCM) which is derived
from the internal references. Due to the symmetric resistor
ladder inside the ADS930, VCM is situated between the top
and bottom reference voltage. The following equation can
be used for calculating the common-mode voltage level:
VCM = (REFT +REFB)/2
(1)
APPLICATIONS
DRIVING THE ANALOG INPUTS
Figure 3 shows an example of an ac-coupled, single-ended
interface circuit using high-speed op amps which operate on
dual supplies (OPA650, OPA658). The mid-point reference
voltage, (VCM), biases the bipolar, ground-referenced input
signal. The capacitor C1 and resistor R1 form a high-pass
filter with the –3dB frequency set at
f–3dB = 1/(2 π R1 C1)(2)
The values for C1 and R1 are not critical in most applications
and can be set freely. The values shown in Figure 3 corre-
spond to a corner frequency of 1.6kHz.
Figure 4 depicts a circuit that can be used in single-supply
applications. The mid-reference biases the op amp up to the
appropriate common-mode voltage, for example VCM =
+1.5V. With the use of capacitor CG, the DC gain for the
non-inverting op amp input is set to +1V/V. As a result, the
transfer function is modified to
VOUT = VIN {(1 + RF/RG) + VCM}(3)
Again, the input coupling capacitor C1 and resistor R1 form
a high-pass filter. At the same time, the input impedance is
defined by R1. Resistor RS isolates the op amp’s output from
the capacitive load to avoid gain peaking or even oscillation.
It can also be used to establish a defined bandwidth to reduce
the wideband noise. Its value is usually between 10
Ω and
100
Ω.
FIGURE 4. Interface Circuit Example Using the Voltage Feedback Amplifier OPA680.
FIGURE 3. AC-Coupled Driver.
402
Ω
OPA650
OPA658
V
IN
402
Ω
R
1
1k
Ω
V
CM
C
1
0.1µF
0.1µF
IN
IN
CM
+5V
10
Ω
–5V
+3V
ADS930



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com