Electronic Components Datasheet Search
  English  ▼

X  

ADS1258IPHPREP Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 20Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 21Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 22Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 23Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 24Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 25Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 26Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 27Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 59 page
background image
ADC
Multiplexer
(chopping)
AINn
AINn
MUXOUTP
MUXOUTN
ADCINP
Optional
Signal
Conditioning
ADCINN
GPIO Pin
GPIO Data (read)
GPIO Data (write)
GPIO Control
ADS1258-EP
SBAS445D
– MARCH 2009 – REVISED MARCH 2011
www.ti.com
EXTERNAL CHOPPING
GPIO DIGITAL PORT (GPIOx)
The modulator of the ADS1258 incorporates a
The
ADS1258
has
eight
dedicated
pins
for
chopping front-end which removes offset errors,
General-Purpose Digital I/O (GPIO). The digital I/O
providing excellent offset and offset drift performance.
pins are individually configurable as either inputs or
However, offset and offset drift originating from
as outputs through the GPIOC (GPIO-Configure)
external signal conditioning are not removed by the
register. The GPIOD (GPIO-Data) register controls
modulator. The ADS1258 has an additional chopping
the level of the pins. When reading the GPIOD
feature that removes external offset errors (CHOP =
register, the data returned is the level of the pins,
1).
whether they are programmed as inputs or outputs.
As inputs, a write to the GPIOD has no effect. As
With external chopping enabled, the converter takes
outputs, a write to the GPIOD sets the output value.
two readings in succession on the same channel. The
first reading is taken with one polarity and the second
During Standby and Power-Down modes, the GPIO
reading is taken with the opposite polarity. The
remains active. If configured as inputs, they must be
converter averages the two readings, canceling the
driven (do not float). If configured as outputs, they
offset, as shown in Figure 49. With chopping enabled,
continue to drive the pins. The GPIO pins are set as
the effective reading is reduced to half of the nominal
inputs after power-on or after a reset. Figure 50
reading rate.
shows the GPIO port structure.
Figure 49. External Chopping
Figure 50. GPIO Port Pin
Note that since the inputs are reversed under control
of the ADS1258, a delay time may be necessary to
provide time for external signal conditioning to fully
POWER-DOWN INPUT (PWDN)
settle before the second phase of the reading
The PWDN pin is used to control the power-down
sequence starts (see the Switch time Delay section).
mode of the converter. In power-down mode, all
External chopping can be used to significantly reduce
internal circuitry is deactivated including the oscillator
total offset errors (to less than 10
μV) and offset drift
and the clock output. Hold PWDN low for at least two
over temperature (to less than 0.2
μV/°C). Note that
fCLK cycles to engage power-down. The register
chopping must be disabled (CHOP = 0) to take the
settings are retained during power-down. When the
internal monitor readings.
pin is returned high, the converter requires a wake-up
time before readings can be taken, as shown in the
Power-Up Timing section. Note that in power-down
mode, the inputs of the ADS1258 must still be driven
and the device continues to drive the outputs.
24
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com