Electronic Components Datasheet Search
  English  ▼

X  

ADS1258IPHPREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 3 Page - Texas Instruments

  ADS1258IPHPREP Datasheet HTML 1Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 2Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 3Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 4Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 5Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 6Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 7Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 8Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
ADS1258-EP
www.ti.com
SBAS445D
– MARCH 2009 – REVISED MARCH 2011
ELECTRICAL CHARACTERISTICS
All specifications at TA = –55°C to 125°C, AVDD = 2.5 V, AVSS = –2.5 V, DVDD = 3.3 V, fCLK = 16 MHz (external clock) or fCLK = 15.729
MHz (internal clock), OPA227 buffer between MUX outputs and ADC inputs, VREF = 4.096 V, and VREFN = –2.5 V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP(1)
MAX
UNIT
Analog Multiplexer Inputs
AIN0
–AIN15,
AVSS
–
AVDD +
Absolute Input Voltage
AINCOM with respect to
V
100 mV
100mV
DGND
On-Channel Resistance
80
Ω
Crosstalk
fIN = 1 kHz
–110
dB
SBCS[1:0] = 01
1.5
Sensor Bias (Current Source)
μA
SBCS[1:0] = 11
24
1.5
μA:24 μA Ratio Error
1
%
ADC Input
Full-Scale Input Voltage
(VIN = ADCINP – ADCINN)
±1.06 VREF
V
AVSS
–
AVDD +
Absolute Input Voltage
(ADCINP, ADCINN)
V
100 mV
100mV
Differential Input Impedance
65
k
Ω
System Performance
Resolution
No Missing Codes
24
Bits
Data Rate, Fixed-Channel Mode
1.953
125
kSPS
Data Rate, Auto-Scan Mode
1.805
23.739
kSPS
% of
Integral Nonlinearity (INL)(2)
Differential Input
0.0003
0.0010
FSR(3)
Chopping Off
20
Offset Error
Shorted
TA = –40°C to 105°C
1
10
μV
Chopping On
Inputs
TA = –55°C to 125°C
-650
650
Chopping Off
0.5
Offset Drift
Shorted Inputs
μV/°C
Chopping On
0.02
0.1
TA = –40°C to 105°C
0.1
0.5
Gain Error
%
TA = –55°C to 125°C
-0.5
0.1
0.5
TA = –40°C to 105°C
0.4
2
Gain Drift
ppm/
°C
TA = –55°C to 125°C
0.4
Noise
(see Table 4)
Common-Mode Rejection
fCM = 60 Hz
90
100
dB
AVDD, AVSS
70
85
Power-Supply Rejection
fPS = 60 Hz
dB
DVDD
80
95
Voltage Reference Input
AVDD
–
Reference Input Voltage
(VREF = VREFP – VREFN)
0.5
4.096
V
AVSS
Negative Reference Input (VREFN)
AVSS
– 0.1 V
VREFP
– 0.5
V
Positive Reference Input (VREFP)
VREFN + 0.5
AVDD + 0.1V
V
Reference Input Impedance
40
k
Ω
System Parameters
External Reference Reading Error
1
3
%
Analog Supply Reading Error
1
3
%
Voltage
TA = 25°C
168
mV
Only ADS1258-EP temperature
394
Temperature Sensor Reading
forced; test PCB in free-air.
Coefficient
μV/°C
ADS1258-EP and test PCB
563
temperatures forced together.
(1)
TA = 25°C for typical parameters.
(2)
Best straight line fit method.
(3)
FSR = Full-scale range = 2.13 VREF.
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com