Electronic Components Datasheet Search
  English  ▼

X  

ADS1258IPHPREP Datasheet(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 41 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 37Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 38Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 39Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 40Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 41Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 42Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 43Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 44Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
ADS1258-EP
www.ti.com
SBAS445D
– MARCH 2009 – REVISED MARCH 2011
GPIOC: GPIO CONFIGURATION REGISTER (Address = 07h)
7
6
5
4
3
2
1
0
CIO7
CIO6
CIO5
CIO4
CIO3
CIO2
CIO1
CIO0
Default = FFh.
This register configures the GPIO pins as inputs or as outputs. Note that the default configurations of the port
pins are inputs and as such they should not be left floating. See the GPIO Digital Port section.
0 = GPIO is an output; 1 = GPIO is an input (default).
CIO[7:0] GPIO Configuration
bit 7
CIO7, Digital I/O Configuration Bit for Pin GPIO7
bit 6
CIO6, Digital I/O Configuration Bit for Pin GPIO6
bit 5
CIO5, Digital I/O Configuration Bit for Pin GPIO5
bit 4
CIO4, Digital I/O Configuration Bit for Pin GPIO4
bit 3
CIO3, Digital I/O Configuration Bit for Pin GPIO3
bit 2
CIO2, Digital I/O Configuration Bit for Pin GPIO2
bit 1
CIO1, Digital I/O Configuration Bit for Pin GPIO1
bit 0
CIO0, Digital I/O Configuration Bit for Pin GPIO0
GPIOD: GPIO DATA REGISTER (Address = 08h)
7
6
5
4
3
2
1
0
DIO7
DIO6
DIO5
DIO4
DIO3
DIO2
DIO1
DIO0
Default = 00h.
This register is used to read and write data to the GPIO port pins. When reading this register, the data returned
corresponds to the state of the GPIO external pins, whether they are programmed as inputs or as outputs. As
outputs, a write to the GPIOD sets the output value. As inputs, a write to the GPIOD has no effect. See the
GPIO Digital Port section.
0 = GPIO is logic low (default); 1 = GPIO is logic high.
DIO[7:0] GPIO Data
bit 7
DIO7, Digital I/O Data bit for Pin GPIO7
bit 6
DIO6, Digital I/O Data bit for Pin GPIO6
bit 5
DIO5, Digital I/O Data bit for Pin GPIO5
bit 4
DIO4, Digital I/O Data bit for Pin GPIO4
bit 3
DIO3, Digital I/O Data bit for Pin GPIO3
bit 2
DIO2, Digital I/O Data bit for Pin GPIO2
bit 1
DIO1, Digital I/O Data bit for Pin GPIO1
bit 0
DIO0, Digital I/O Data bit for Pin GPIO0
ID: DEVICE ID REGISTER (Address = 09h)
7
6
5
4
3
2
1
0
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
Default = 8Bh.
ID[7:0] ID Bits
Factory-programmed ID bits. Read-only.
Except for the ID4 bit, the ID byte can change at any time without notice.
ID4: 0= ADS1258, ADS1258-EP (24-Bit ADCs)
ID4: 1= ADS1158 (16-Bit ADC)
Copyright
© 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com