Electronic Components Datasheet Search
  English  ▼

X  

TLV571IPW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV571IPW
Description  2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV571IPW Datasheet(HTML) 5 Page - Texas Instruments

  TLV571IPW Datasheet HTML 1Page - Texas Instruments TLV571IPW Datasheet HTML 2Page - Texas Instruments TLV571IPW Datasheet HTML 3Page - Texas Instruments TLV571IPW Datasheet HTML 4Page - Texas Instruments TLV571IPW Datasheet HTML 5Page - Texas Instruments TLV571IPW Datasheet HTML 6Page - Texas Instruments TLV571IPW Datasheet HTML 7Page - Texas Instruments TLV571IPW Datasheet HTML 8Page - Texas Instruments TLV571IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
TLV571
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTER
SLAS239A – SEPTEMBER 1999 – REVISED FEBRUARY 2000
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
Table 1. Conversion Modes
START OF
CONVERSION
OPERATION
COMMENTS – FOR INPUT
Hardware start
(CSTART)
CR0.D5 = 0
• Repeated conversions from AIN
• CSTART falling edge to start sampling
• CSTART rising edge to start conversion
• If in INT mode, one INT pulse generated after each conversion
• If in EOC mode, EOC will go high to low at start of conversion, and return high
at end of conversion.
CSTART rising edge must be applied
a minimum of 5 ns before or after CLK
rising edge.
Software start
CR0.D5 = 1
• Repeated conversions from AIN
• WR rising edge to start sampling initially. Thereafter, sampling occurs at the
rising edge of RD.
• Conversion begins after 6 clocks after sampling has begun. Thereafter, if in INT
mode, one INT pulse generated after each conversion
• If in EOC mode, EOC will go high to low at start of conversion and return high at
end of conversion.
With external clock, WR and RD rising
edge must be a minimum 5 ns before
or after CLK rising edge.
configure the device
The device can be configured by writing to control registers CR0 and CR1.
Table 2. TLV571 Programming Examples
REGISTER
INDEX
D5
D4
D3
D2
D1
D0
COMMENT
REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
COMMENT
EXAMPLE1
CR0
0
0
0
0
0
0
0
0
Normal, INT OSC
CR1
0
1
0
0
0
0
0
0
Binary
EXAMPLE2
CR0
0
0
0
1
1
1
0
0
Power down, EXT OSC
CR1
0
1
0
0
0
0
1
0
2’s complement output
power down
The TLV571 offers two power down modes, auto power down and software power down. This device will
automatically proceed to auto power down mode if RD is not present one clock after conversion. Software power
down is controlled directly by the user by pulling CS to DVDD.
Table 3. Power Down Modes
PARAMETERS/MODES
AUTO POWER DOWN
SOFTWARE POWER DOWN
(CS = DVDD)
Maximum power down dissipation current
1 mA
10
µA
Comparator
Power down
Power down
Clock buffer
Power down
Power down
Control registers
Saved
Saved
Minimum power down time
1 CLK
2 CLK
Minimum resume time
1 CLK
2 CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com