Electronic Components Datasheet Search
  English  ▼

X  

TLV571IPW Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV571IPW
Description  2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV571IPW Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV571IPW Datasheet HTML 8Page - Texas Instruments TLV571IPW Datasheet HTML 9Page - Texas Instruments TLV571IPW Datasheet HTML 10Page - Texas Instruments TLV571IPW Datasheet HTML 11Page - Texas Instruments TLV571IPW Datasheet HTML 12Page - Texas Instruments TLV571IPW Datasheet HTML 13Page - Texas Instruments TLV571IPW Datasheet HTML 14Page - Texas Instruments TLV571IPW Datasheet HTML 15Page - Texas Instruments TLV571IPW Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
TLV571
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTER
SLAS239A – SEPTEMBER 1999 – REVISED FEBRUARY 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
software START conversion (continued)
system clock source
The TLV571 internally derives multiple clocks from the SYSCLK for different tasks. SYSCLK is used for most
conversion subtasks. The source of SYSCLK is programmable via control register zero, bit 3. The source of
SYSCLK is changed at the rising edge of WR of the cycle when CR0.D3 is programmed.
internal clock (CR0.D3 = 0, SYSCLK = internal OSC)
The TLV571 has a built-in 10 MHz OSC. When the internal OSC is selected as the source of SYSCLK, the
internal clock starts with a delay (one half of the OSC period max) after the falling edge of the conversion trigger
(either WR, RD, or CSTART). The OSC speed can be set to 10
± 1 MHz or 20 ± 2 MHz by setting register bit
CR1.D4.
external clock (CR0.D3 = 1, SYSCLK = external clock)
The TLV571 is designed to accept an external clock input (CMOS/TTL logic) with frequencies from 1 MHz to
20 MHz.
host processor interface
The TLV571 provides a generic high-speed parallel interface that is compatible with high-performance DSPs
and general-purpose microprocessors. The interface includes D(0–7), INT/EOC, RD, and WR.
output format
The data output format is unipolar (code 0 to 255). The output code format can be either binary or twos
complement by setting register bit CR1.D1.
power up and initialization
After power up, CS must be low to begin an I/O cycle. INT/EOC is initially high. The TLV571 requires two write
cycles to configure the two control registers. The first conversion after the device has returned from the power
down state may be invalid and should be disregarded.
definitions of specifications and terminology
integral nonlinearity
Integral nonlinearity refers to the deviation of each individual code from a line drawn from zero through full scale.
The point used as zero occurs 1/2 LSB before the first code transition. The full-scale point is defined as level
1/2 LSB beyond the last code transition. The deviation is measured from the center of each particular code to
the true straight line between these two points.
differential nonlinearity
An ideal ADC exhibits code transitions that are exactly 1 LSB apart. DNL is the deviation from this ideal value.
A differential nonlinearity error of less than
±1 LSB ensures no missing codes.
zero offset
The major carry transition should occur when the analog input is at zero volts. Zero error is defined as the
deviation of the actual transition from that point.
gain error
The first code transition should occur at an analog value 1/2 LSB above negative full scale. The last transition
should occur at an analog value 1 1/2 LSB below the nominal full scale. Gain error is the deviation of the actual
difference between first and last code transitions and the ideal difference between first and last code transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com