Electronic Components Datasheet Search
  English  ▼

X  

TLV571IPW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV571IPW
Description  2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV571IPW Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV571IPW Datasheet HTML 7Page - Texas Instruments TLV571IPW Datasheet HTML 8Page - Texas Instruments TLV571IPW Datasheet HTML 9Page - Texas Instruments TLV571IPW Datasheet HTML 10Page - Texas Instruments TLV571IPW Datasheet HTML 11Page - Texas Instruments TLV571IPW Datasheet HTML 12Page - Texas Instruments TLV571IPW Datasheet HTML 13Page - Texas Instruments TLV571IPW Datasheet HTML 14Page - Texas Instruments TLV571IPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
software START conversion (continued)
internal clock
With CS low and WR low, data is written into the ADC. Sampling begins at the rising edge of WR. Conversion begins 6 clocks after sampling
begins. The internal clock begins at the rising edge of WR. The internal clock is disabled after each conversion. Subsequent sampling begins
at the rising edge of RD.
OR
Auto Powerdown
ADC
CS
WR
RD
INTCLK
D[0:7]
INT
EOC
Config
Data
ADC
Data
tsu(CSL_WRL)
t
h(WRH_CSH)
t(sample)
tsu(DAV_WRH)
t
h(WRH_DAV)
tc
t su(CSL_RDL)
th(RDH_CSH)
ten(RDL_DAV)
t
dis(RDH_DAV)
tc
t
(STARTOSC)
t(STARTOSC)
t(sample)
45
6
0
4
5
015
15
Auto Powerdown
Figure 7. Input Conversion – Software Start, Internal Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com