Electronic Components Datasheet Search
  English  ▼

X  

AS5047D Datasheet(PDF) 9 Page - ams AG

Part # AS5047D
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 11-bit Decimal
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047D Datasheet(HTML) 9 Page - ams AG

Back Button AS5047D Datasheet HTML 5Page - ams AG AS5047D Datasheet HTML 6Page - ams AG AS5047D Datasheet HTML 7Page - ams AG AS5047D Datasheet HTML 8Page - ams AG AS5047D Datasheet HTML 9Page - ams AG AS5047D Datasheet HTML 10Page - ams AG AS5047D Datasheet HTML 11Page - ams AG AS5047D Datasheet HTML 12Page - ams AG AS5047D Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
ams Datasheet: 2014-Jun-27 [v1-02]
AS5047D – 9
Detaile d Desc rip t ion
The AS5047D is a Hall-effect magnetic sensor using a CMOS
lateral technology. The lateral Hall sensors convert the
magnetic field component perpendicular to the surface of the
chip into a voltage.
The signals from the Hall sensors are amplified and filtered by
the analog front-end (AFE) before being converted by the
analog-to-digital converter (ADC). The output of the ADC is
processed by the hardwired CORDIC (coordinate rotating
digital computer) block to compute the angle and magnitude
of the magnetic vector. The intensity of the magnetic field
(magnitude) is used by the automatic gain control (AGC) to
adjust the amplification level for compensation of the
temperature and magnetic field variations.
The internal 14-bit resolution is available by reading a register
through the SPI interface. The resolution on the ABI output can
be programmed from 2048 to 32 steps per revolution.
The Dynamic Angle Error Compensation block corrects the
calculated angle for latency using a linear prediction
calculation algorithm. At constant rotation speed the latency
time is internally compensated by the AS5047D, reducing the
dynamic angle error at the SPI, ABI and UVW outputs. The
AS5047D allows to switch off the UVW output interface to
display the absolute angle as PWM-encoded signal on the
pin W.
At higher speeds, the interpolator fills in missing ABI pulses and
generates the UVW signals with no loss of resolution. The
non-volatile settings in the AS5047D can be programmed
through the SPI interface without any dedicated programmer.
Power Management
The AS5047D can be either powered from a 5.0V supply using
the on-chip low-dropout regulator or from a 3.3V voltage
supply. The LDO regulator is not intended to power any other
loads, and it needs a 1 μF capacitor to ground located close to
the chip for decoupling as shown in Figure 10.
In 3.3V operation, VDD and VREG must be tied together.
Figure 10:
5.0V and 3.3V Power Supply Options
Detailed Description
1µF
100nF
4.5 - 5.5V
VDD3V3
GND
VDD
5.0V Operation
LDO
AS5047D
100nF
3.0 – 3.6V
VDD3V3
GND
VDD
3.3V Operation
LDO
AS5047D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com