Electronic Components Datasheet Search
  English  ▼

X  

AS5047D Datasheet(PDF) 10 Page - ams AG

Part # AS5047D
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 11-bit Decimal
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047D Datasheet(HTML) 10 Page - ams AG

Back Button AS5047D Datasheet HTML 6Page - ams AG AS5047D Datasheet HTML 7Page - ams AG AS5047D Datasheet HTML 8Page - ams AG AS5047D Datasheet HTML 9Page - ams AG AS5047D Datasheet HTML 10Page - ams AG AS5047D Datasheet HTML 11Page - ams AG AS5047D Datasheet HTML 12Page - ams AG AS5047D Datasheet HTML 13Page - ams AG AS5047D Datasheet HTML 14Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
AS5047D – 10
ams Datasheet: 2014-Jun-27 [v1-02]
De tail ed De sc rip t ion
After applying power to the chip, the power-on time (tpon) must
elapse before the AS5047D provides the first valid data.
Dynamic Angle Error Compensation
The AS5047D uses 4 integrated Hall sensors which produce a
voltage proportional to the orthogonal component of the
magnetic field to the die. These voltage signals are amplified,
filtered, and converted into the digital domain to allow the
CORDIC digital block to calculate the angle of the magnetic
vector. Propagation of these signals through the analog
front-end and digital back-end generates a fixed delay between
the time of measurement and the availability of the measured
angle at the outputs. This latency generates a dynamic angle
error represented by the product of the angular speed (
ω)and
the system propagation delay (tdelay):
DAE =
ω x tdelay
The dynamic angle compensation block calculates the current
magnet rotation speed (
ω) and multiplies it with the system
propagation delay (tdelay) to determine the correction angle to
reduce this error. At constant speed, the residual system
propagation delay is tdelay_DAEC.
The angle represented on the PWM interface is not
compensated by the Dynamic Angle Error Compensation
algorithm. it is also possible to disable the Dynamic Angle Error
Compensation with the setting DAECDIS. Disabling the
Dynamic Angle Error Compensation gives a noise benefit of
0.016 degree rms.This setting can be advantageous for low
speed (under 100rpm) respectively static positioning
applications.
SPI Interface (slave)
The SPI interface is used by a host microcontroller (master) to
read or write the volatile memory as well as to program the
non-volatile OTP registers. The AS5047D SPI only supports slave
operation mode. It communicates at clock rates up to 10 MHz.
The AS5047D SPI uses mode=1 (CPOL=0, CPHA=1) to exchange
data. As shown in Figure 11, a data transfer starts with the
falling edge of CSn (SCL is low). The AS5047D samples MOSI
data on the falling edge of SCL. SPI commands are executed at
the end of the frame (rising edge of CSn). The bit order is MSB
first. Data is protected by parity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com