Electronic Components Datasheet Search
  English  ▼

X  

AS5047D Datasheet(PDF) 19 Page - ams AG

Part # AS5047D
Description  14-bit On-Axis Magnetic Rotary Position Sensor with 11-bit Decimal
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5047D Datasheet(HTML) 19 Page - ams AG

Back Button AS5047D Datasheet HTML 15Page - ams AG AS5047D Datasheet HTML 16Page - ams AG AS5047D Datasheet HTML 17Page - ams AG AS5047D Datasheet HTML 18Page - ams AG AS5047D Datasheet HTML 19Page - ams AG AS5047D Datasheet HTML 20Page - ams AG AS5047D Datasheet HTML 21Page - ams AG AS5047D Datasheet HTML 22Page - ams AG AS5047D Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
ams Datasheet: 2014-Jun-27 [v1-02]
AS5047D – 19
Detaile d Desc rip t ion
ABI Incremental Interface
The AS5047D can send the angle position to the host
microcontroller through an incremental interface. This
interface is available simultaneously with the other interfaces.
By default, the incremental interface is set to work at the highest
resolution 2000 step per revolution, or 500 pulses per
revolution (ppr). It is possible to select between a decimal and
binary pulses per revolution, respectively with the bit ABIBIN
and select the pulses per revolution with the bit ABIRES as
shown in Figure 31.
Figure 31:
ABI Resolution Setting
The phase shift between the signals A and B indicates the
rotation direction: e.g. DIR-Bit = 0, clockwise (B leads, A follows)
or counterclockwise (A leads, B follows). During the start-up
time, after power on to the chip, all three ABI signals are high.
ABIRES
ABIBIN
Steps per revolution
Pulses per revolution
000
0
2000
500
001
0
1600
400
010
0
1200
300
011
0
800
200
100
0
400
100
101
0
200
50
110
0
100
25
111
0
32
8
000
1
2048
512
001
1
1024
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com