Electronic Components Datasheet Search
  English  ▼

X  

STL40N75LF3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL40N75LF3
Description  N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL40N75LF3 Datasheet(HTML) 1 Page - STMicroelectronics

  STL40N75LF3 Datasheet HTML 1Page - STMicroelectronics STL40N75LF3 Datasheet HTML 2Page - STMicroelectronics STL40N75LF3 Datasheet HTML 3Page - STMicroelectronics STL40N75LF3 Datasheet HTML 4Page - STMicroelectronics STL40N75LF3 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
March 2011
Doc ID 012425 Rev 6
1/5
5
STM3210B-SK/KEIL
STR91X-SK/KEI, STR7-SK/KEIL
Keil™ starter kits for ST ARM core-based microcontrollers
Features
■ The ARM® RealView™ Microcontroller
Development Kit complete development
software package with:
– µVision3® integrated development
environment for application programming
and debugging
– ARM RealView Compilation Tools C/C++
compiler for output of code up to 16 Kbytes
– RTX real-time kernel, a multi-tasking
operating system for embedded
applications
■ ULINK™ in-circuit debugger/programmer with
USB interface to host PC and 20-pin JTAG
application interface
■ Full-featured Keil evaluation board with target
microcontroller.
Description
The Keil starter kits are complete solutions for
starting application development and evaluating
the STMicroelectronics STM32F101/103 (up to
128K Flash),
STR91x, STR75x, STR73x, and
STR71x ARM core-based microcontrollers.
They come with all the hardware and software
you need to start developing applications for the
STM32, STR9 and STR7 ARM core-based
families of microcontrollers. The kits come
complete with Keil’s µVision3 integrated
development environment for ARM and the
16 Kbyte code-size limited version of the ARM
RealView Compilation Tools, a full-featured
evaluation board (including USB, USART, SPI,
ADC) and target microcontroller, with the ULINK
(USB/JTAG) in-circuit debugger/programmer.
Keil starter kits are available for a full range of ST
ARM core-based microcontrollers.
www.st.com


Similar Part No. - STL40N75LF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL40N75LF3 STMICROELECTRONICS-STL40N75LF3 Datasheet
135Kb / 5P
Keil starter kits for ST ARM core-based microcontrollers
18-Jun-2009
More results

Similar Description - STL40N75LF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL10DN15F3 STMICROELECTRONICS-STL10DN15F3 Datasheet
1Mb / 14P
N-channel 150 V, 0.20 Ohm typ., 2.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 double island package
15-Oct-2012
STL8N10LF3 STMICROELECTRONICS-STL8N10LF3 Datasheet
850Kb / 13P
N-channel 100 V, 25 mA typ., 7.8 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
17-Jan-2013
STL80N75F6 STMICROELECTRONICS-STL80N75F6 Datasheet
1Mb / 15P
N-channel 75 V, 4.5 m typ., 18 A STripFET DeepGATE VI Power MOSFET in PowerFLAT 5x6 package
11-Mar-2014
STL35N6F3 STMICROELECTRONICS-STL35N6F3 Datasheet
994Kb / 17P
N-channel 60 V, 0.019 廓, 10 A STripFET??III Power MOSFET in PowerFLAT??5x6 package
11-May-2012
STL70N10F3 STMICROELECTRONICS-STL70N10F3 Datasheet
911Kb / 17P
N-channel 100 V, 0.0078, 16 A STripFET III Power MOSFET in PowerFLAT 5x6 package
29-May-2012
STL56N3LLH5 STMICROELECTRONICS-STL56N3LLH5 Datasheet
910Kb / 16P
N-channel 30 V, 0.0076 typ., 15 A STripFET V Power MOSFET in a PowerFLAT 5x6 package
13-Feb-2013
STL140N6F7 STMICROELECTRONICS-STL140N6F7 Datasheet
944Kb / 13P
N-channel 60 V, 2.4 mΩ typ., 140 A STripFET™F7 Power MOSFET in a PowerFLAT™5x6 package
21-Apr-2017
STL260N4LF7 STMICROELECTRONICS-STL260N4LF7 Datasheet
847Kb / 15P
N-channel 40 V, 0.85 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
Rev 5 - July 2019
STL260N4F7 STMICROELECTRONICS-STL260N4F7 Datasheet
850Kb / 16P
N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
03-Apr-2019
STL90N10F7 STMICROELECTRONICS-STL90N10F7_V01 Datasheet
842Kb / 16P
N-channel 100 V, 7 mΩ typ., 70 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
10-Feb-2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com