Electronic Components Datasheet Search
  English  ▼

X  

STL40N75LF3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STL40N75LF3
Description  N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL40N75LF3 Datasheet(HTML) 3 Page - STMicroelectronics

  STL40N75LF3 Datasheet HTML 1Page - STMicroelectronics STL40N75LF3 Datasheet HTML 2Page - STMicroelectronics STL40N75LF3 Datasheet HTML 3Page - STMicroelectronics STL40N75LF3 Datasheet HTML 4Page - STMicroelectronics STL40N75LF3 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STM3210B-SK/KEIL, STR91X-SK/KEI, STR7-SK/KEIL
Ordering information
Doc ID 012425 Rev 6
3/5
Ordering information
All Keil starter kits can be ordered from Keil. Starter kits are available from your nearest
STMicroelectronics distributor or sales office for the following:
●
STM32 performance and access line microcontrollers with 128K Flash (ST order code:
STM3210B-SK/KEIL)
●
STR91xF microcontrollers (ST order code: STR91X-SK/KEI)
●
STR75xF microcontrollers (ST order code: STR750-SK/KEIL)
●
STR73x microcontrollers (order code: refer to www.keil.com)
●
STR71x microcontrollers (order code: refer to www.keil.com)
For more information and documentation, please refer to the Keil web site or the
STMicroelectronics microcontroller support site at www.st.com.
Potentiometer connected
to ADC
Yes
Yes
Yes
Yes
No
User and wake-up push
button(s)
33
3
2
3
Reset button
Yes
Yes
Yes
Yes
Yes
Wrap area
Yes
Yes
Yes
Yes
No
1.
STR73x and STR71x starter kit references are available at www.keil.com.
Table 1.
Evaluation board key features (continued)
Feature
Starter kit
STM3210B
-SK/KEIL
STR91X
-SK/KEI
STR750
-SK/KEIL
STR73xF(1)
STR71xF(1)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com