Electronic Components Datasheet Search
  English  ▼

X  

STL40N75LF3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STL40N75LF3
Description  N-channel 75 V, 16 m typ., 10 A STripFET III Power MOSFET in a PowerFLAT 5x6 package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL40N75LF3 Datasheet(HTML) 4 Page - STMicroelectronics

  STL40N75LF3 Datasheet HTML 1Page - STMicroelectronics STL40N75LF3 Datasheet HTML 2Page - STMicroelectronics STL40N75LF3 Datasheet HTML 3Page - STMicroelectronics STL40N75LF3 Datasheet HTML 4Page - STMicroelectronics STL40N75LF3 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Revision history
STM3210B-SK/KEIL, STR91X-SK/KEI, STR7-SK/KEIL
4/5
Doc ID 012425 Rev 6
Revision history
Table 2.
Document revision history
Date
Revision
Changes
14-Jun-2007
1
Initial release.
04-Oct-2006
2
Added STR750-SK/KEIL and product characteristics
04-Oct-2007
3
Modified document title.
Added STM3210B-SK/KEIL and product characteristics
17-Oct-2008
4
Added STM3210E-SK/KEIL and product characteristics
18-Jun-2009
5
Added STM3210C-SK/KEIL and product characteristics.
dd-MMM-2011
6
Modified document title.
Removed STM3210C-SK/KEIL, STM3210E-SK/IKEIL and product
characteristics.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com