Electronic Components Datasheet Search
  English  ▼

X  

ADC10732 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADC10732
Description  10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10732 Datasheet(HTML) 5 Page - Texas Instruments

  ADC10732 Datasheet HTML 1Page - Texas Instruments ADC10732 Datasheet HTML 2Page - Texas Instruments ADC10732 Datasheet HTML 3Page - Texas Instruments ADC10732 Datasheet HTML 4Page - Texas Instruments ADC10732 Datasheet HTML 5Page - Texas Instruments ADC10732 Datasheet HTML 6Page - Texas Instruments ADC10732 Datasheet HTML 7Page - Texas Instruments ADC10732 Datasheet HTML 8Page - Texas Instruments ADC10732 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
ADC10731, ADC10732, ADC10734, ADC10738
www.ti.com
SNAS081D – MAY 1999 – REVISED MARCH 2013
Electrical Characteristics
The following specifications apply for V
+ = AV+ = DV+ = +5.0 V
DC, VREF+ = 2.5 VDC, VREF− = GND, VIN− = 2.5V for Signed
Characteristics, VIN− = GND for Unsigned Characteristics and fCLK = 2.5 MHz unless otherwise specified. Boldface limits
apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C.
(1) (2) (3) (4)
Units
Parameter
Test Conditions
Typ(5)
Limits(6)
(Limits)
SIGNED STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
10 + Sign
Bits
TUE
Total Unadjusted Error(7)
±2.0
LSB (max)
INL
Positive and Negative Integral Linearity Error
±1.25
LSB (max)
Positive and Negative Full-Scale Error
±1.5
LSB (max)
Offset Error
±1.5
LSB (max)
Offset Error
±0.2
±1.0
LSB (max)
Power Supply Sensitivity
+ Full-Scale Error
V+ = +5.0V ±10%
±0.2
±1.0
LSB (max)
− Full-Scale Error
±0.1
±0.75
LSB (max)
VIN+ = VIN− = VIN where
DC Common Mode Error(8)
±0.1
±0.33
LSB (max)
5.0V
≥ VIN ≥ 0V
Multiplexer Chan to Chan Matching
±0.1
LSB
UNSIGNED STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
10
Bits
TUE
Total Unadjusted Error(7)
VREF+ = 4.096V
±0.75
LSB
INL
Integral Linearity Error
VREF+ = 4.096V
±0.50
LSB
Full-Scale Error
VREF+ = 4.096V
±1.25
LSB (max)
Offset Error
VREF+ = 4.096V
±1.25
LSB (max)
Offset Error
V+ = +5.0V ±10%
±0.1
LSB
Power Supply Sensitivity
Full-Scale Error
VREF+ = 4.096V
±0.1
LSB
VIN+ = VIN− = VIN where
DC Common Mode Error(8)
±0.1
LSB
+5.0V
≥ VIN ≥ 0V
Multiplexer Channel to Channel Matching
VREF+ = 4.096V
±0.1
LSB
DYNAMIC SIGNED CONVERTER CHARACTERISTICS
VIN = 4.85 VPP, and
S/(N+D)
Signal-to-Noise Plus Distortion Ratio
67
dB
fIN = 1 kHz to 15 kHz
VIN = 4.85 VPP, and
ENOB
Effective Number of Bits
10.8
Bits
fIN = 1 kHz to 15 kHz
VIN = 4.85 VPP, and
THD
Total Harmonic Distortion
−78
dB
fIN = 1 kHz to 15 kHz
VIN = 4.85 VPP, and
IMD
Intermodulation Distortion
−85
dB
fIN = 1 kHz to 15 kHz
VIN = 4.85 VPP, where
Full-Power Bandwidth
380
kHz
S/(N + D) Decreases 3 dB
Multiplexer Chan to Chan Crosstalk
fIN = 15 kHz
−80
dB
(1)
Two on-chip diodes are tied to each analog input as shown below. They will forward-conduct for analog input voltages one diode drop
below ground or one diode drop greater than V+ supply. Be careful during testing at low V+ levels (+4.5V), as high level analog inputs
(+5V) can cause an input diode to conduct, especially at elevated temperatures, which will cause errors In the conversion result. The
specification allows 50 mV forward bias of either diode; this means that as long as the analog VIN does not exceed the supply voltage by
more than 50 mV, the output code will be correct. Exceeding this range on an unselected channel will corrupt the reading of a selected
channel. If AV+ and DV+ are minimum (4.5 VDC) and full scale must be ≤+4.55 VDC. See Figure 6
(2)
No connection exists between AV+ and DV+ on the chip.To ensure accuracy, it is required that the AV+ and DV+ be connected together
to a power supply with separate bypass filter at each V+ pin.
(3)
One LSB is referenced to 10 bits of resolution.
(4)
All the timing specifications are tested at the TTL logic levels, VIL = 0.8V for a falling edge and VIH = 2.0V for a rising. TRl-STATE
voltage level is forced to 1.4V.
(5)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(6)
Tested limits are ensured to AOQL (Average Outgoing Quality Level).
(7)
Total unadjusted error includes offset, full-scale, linearity, multiplexer, and hold step errors.
(8)
The DC common-mode error is measured in the differential multiplexer mode with the assigned positive and negative input channels
shorted together.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC10731 ADC10732 ADC10734 ADC10738



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com