Electronic Components Datasheet Search
  English  ▼

X  

ADC10732 Datasheet(PDF) 7 Page - Texas Instruments

Part # ADC10732
Description  10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10732 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC10732 Datasheet HTML 3Page - Texas Instruments ADC10732 Datasheet HTML 4Page - Texas Instruments ADC10732 Datasheet HTML 5Page - Texas Instruments ADC10732 Datasheet HTML 6Page - Texas Instruments ADC10732 Datasheet HTML 7Page - Texas Instruments ADC10732 Datasheet HTML 8Page - Texas Instruments ADC10732 Datasheet HTML 9Page - Texas Instruments ADC10732 Datasheet HTML 10Page - Texas Instruments ADC10732 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
ADC10731, ADC10732, ADC10734, ADC10738
www.ti.com
SNAS081D – MAY 1999 – REVISED MARCH 2013
Electrical Characteristics (continued)
The following specifications apply for V
+ = AV+ = DV+ = +5.0 V
DC, VREF+ = 2.5 VDC, VREF− = GND, VIN− = 2.5V for Signed
Characteristics, VIN− = GND for Unsigned Characteristics and fCLK = 2.5 MHz unless otherwise specified. Boldface limits
apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C.
(1)(2)(3)(4)
Units
Parameter
Test Conditions
Typ(5)
Limits(6)
(Limits)
DIGITAL AND DC CHARACTERISTICS
VIN(1)
Logical “1” Input Voltage
V+ = 5.5V
2.0
V (min)
VIN(0)
Logical “0” Input Voltage
V+ = 4.5V
0.8
V (max)
IIN(1)
Logical “1” Input Current
VIN = 5.0V
0.005
+2.5
μA (max)
IIN(0)
Logical “0” Input Current
VIN = 0V
−0.005
−2.5
μA (max)
V+ = 4.5V, IOUT = −360
2.4
V (min)
μA
VOUT(1)
Logical “1” Output Voltage
V+ = 4.5V, IOUT = −10 μA
4.5
V (min)
VOUT(0)
Logical “0” Output Voltage
V+ = 4.5V, IOUT = 1.6 mA
0.4
V (min)
VOUT = 0V
−0.1
−3.0
μA (max)
IOUT
TRI-STATE Output Current
VOUT = 5V
+0.1
+3.0
μA (max)
+ISC
Output Short Circuit Source Current
VOUT = 0V, V
+ = 4.5V
−30
−15
mA(min)
−ISC
Output Short Circuit Sink Current
VOUT= V
+ = 4.5V
30
15
mA (min)
CS = HIGH, Power Up
0.9
1.3
mA (max)
CS = HIGH, Power Down
0.2
0.4
mA (max)
ID+
Digital Supply Current (10)
CS = HIGH, Power Down,
0.5
50
μA (max)
and CLK Off
CS = HIGH, Power Up
2.7
6.0
mA (max)
IA+
Analog Supply Current (10)
CS = HIGH, Power Down
3
15
μA (max)
VREF+ = +2.5V and
IREF
Reference Input Current
0.6
mA (max)
CS = HIGH, Power Up
AC CHARACTERISTICS
3.0
2.5
MHz
fCLK
Clock Frequency
5
(max)
kHz (min)
40
%(min)
Clock Duty Cycle
60
%(max)
Clock
12
12
Cycles
tC
Conversion Time
5
5
μs (max)
Clock
4.5
4.5
Cycles
tA
Acquisition Time
2
2
μs (max)
14
30
ns (min)
CS Set-Up Time, Set-Up Time from Falling Edge of CS to
tSCS
(1 tCLK
(1 tCLK
Rising Edge of Clock
(max)
− 14 ns)
− 30 ns)
DI Set-Up Time, Set-Up Time from Data Valid on DI to
tSDI
16
25
ns (min)
Rising Edge of Clock
DI Hold Time, Hold Time of DI Data from Rising Edge of
tHDI
2
25
ns (min)
Clock to Data not Valid on DI
DO Access Time from Rising Edge of CLK When CS is
tAT
30
50
ns (min)
“Low” during a Conversion
DO or SARS Access Time from CS , Delay from Falling
tAC
30
70
ns (max)
Edge of CS to Data Valid on DO or SARS
Delay from Rising Edge of Clock to Falling Edge of SARS
tDSARS
100
200
ns (max)
when CS is “Low”
(10) The voltage applied to the digital inputs will affect the current drain during power down. These devices are tested with CMOS logic
levels (logic Low = 0V and logic High = 5V). TTL levels increase the current, during power down, to about 300
μA.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC10731 ADC10732 ADC10734 ADC10738



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com