Electronic Components Datasheet Search
  English  ▼

X  

ADC10732 Datasheet(PDF) 8 Page - Texas Instruments

Part # ADC10732
Description  10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10732 Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADC10732 Datasheet HTML 4Page - Texas Instruments ADC10732 Datasheet HTML 5Page - Texas Instruments ADC10732 Datasheet HTML 6Page - Texas Instruments ADC10732 Datasheet HTML 7Page - Texas Instruments ADC10732 Datasheet HTML 8Page - Texas Instruments ADC10732 Datasheet HTML 9Page - Texas Instruments ADC10732 Datasheet HTML 10Page - Texas Instruments ADC10732 Datasheet HTML 11Page - Texas Instruments ADC10732 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
ADC10731, ADC10732, ADC10734, ADC10738
SNAS081D – MAY 1999 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics (continued)
The following specifications apply for V
+ = AV+ = DV+ = +5.0 V
DC, VREF+ = 2.5 VDC, VREF− = GND, VIN− = 2.5V for Signed
Characteristics, VIN− = GND for Unsigned Characteristics and fCLK = 2.5 MHz unless otherwise specified. Boldface limits
apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C.
(1)(2)(3)(4)
Units
Parameter
Test Conditions
Typ(5)
Limits(6)
(Limits)
DO Hold Time, Hold Time of Data on DO after Falling
tHDO
20
35
ns (max)
Edge of Clock
DO Access Time from Clock, Delay from Falling Edge of
tAD
40
80
ns (max)
Clock to Valid Data of DO
t1H, t0H
Delay from Rising Edge of CS to DO or SARS TRI-STATE
40
50
ns (max)
tDCS
Delay from Falling Edge of Clock to Falling Edge of CS
20
30
ns (min)
CS “HIGH” Time for A/D Reset after Reading of
tCS(H)
1 CLK
1 CLK
cycle (min)
Conversion Result
tCS(L)
ADC10731 Minimum CS “Low” Time to Start a Conversion
1 CLK
1 CLK
cycle (min)
tSC
Time from End of Conversion to CS Going “Low”
5 CLK
5 CLK
cycle (min)
Delay from Power-Down command to 10% of Operating
tPD
1
μs
Current
Delay from Power-Up Command to Ready to Start a New
μs
tPC
10
Conversion
CIN
Capacitance of Logic Inputs
7
pF
COUT
Capacitance of Logic Outputs
12
pF
Figure 6.
Power Dissipation
Part Number
Thermal Resistance
Package Type
ADC10731CIWM
90°C/W
M16B
ADC10732CIWM
80°C/W
M20B
ADC10734CIMSA
134°C/W
MSA20
ADC10734CIWM
80°C/W
M20B
ADC10738CIWM
75°C/W
M24B
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC10731 ADC10732 ADC10734 ADC10738



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com