Electronic Components Datasheet Search
  English  ▼

X  

SP2996B Datasheet(PDF) 2 Page - Exar Corporation

Part # SP2996B
Description  2 Amp DDR Bus Termination Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP2996B Datasheet(HTML) 2 Page - Exar Corporation

  SP2996B Datasheet HTML 1Page - Exar Corporation SP2996B Datasheet HTML 2Page - Exar Corporation SP2996B Datasheet HTML 3Page - Exar Corporation SP2996B Datasheet HTML 4Page - Exar Corporation SP2996B Datasheet HTML 5Page - Exar Corporation SP2996B Datasheet HTML 6Page - Exar Corporation SP2996B Datasheet HTML 7Page - Exar Corporation SP2996B Datasheet HTML 8Page - Exar Corporation SP2996B Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
S
SP
P2
29
99
96
6B
B
2
2 A
Am
mp
p D
DD
DR
R B
Bu
us
s T
Te
errm
miin
na
attiio
on
n R
Re
eg
gu
ulla
atto
orr
© 2010 Exar Corporation
2/9
Rev. 2.0.0
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
Supply Voltage.......................................... -0.3V to 7.0V
Junction Temperature Range..................-40°C to +125°C
Storage Temperature .............................. -65°C to 150°C
OPERATING RATINGS
Operating Temperature Range................. -40°C to +85°C
Thermal Resistance θJA .....................................160°C/W
Thermal Resistance θJC ...................................... 40°C/W
ELECTRICAL SPECIFICATIONS
Specifications with standard type are for an Operating Ambient Temperature of TA = 25°C only; limits applying over the full
Operating Junction Temperature range are denoted by a “•”. Minimum and Maximum limits are guaranteed through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at TA = 25°C, and are provided
for reference purposes only. Unless otherwise indicated, VIN = 2.5V, VCNTL = 3.3V, VREF = 0.5xVIN, COUT = 10µF (ceramic),
TA= 25°C.
Parameter
Min.
Typ.
Max.
Units
Conditions
Input Voltage Range (DDR 1/2)
VIN
1.6
2.5/1.8
V
(note 4)
Keep VCNTL≥VIN on operation power on
and power off sequences
Input Voltage Range (DDR 1/2)
VCNTL
3.0
3.3
3.6
V
(note 4)
IOUT = 0mA
Output Voltage VOUT
VREF
V
IOUT = 0mA
Output Offset Voltage VOS
-20
+20
mV
No load
Load Regulation (DDR 1/2) ∆VLOR
10
25
mV
IOUT = 0.1mA to +2A
10
25
mV
IOUT = 0.1mA to -2A
Quiescent Current IQ
8
30
µA
VREF < 0.2V, VOUT = OFF
Operating Current of VCNTL, ICNTL
3
10
mA
No load
Bias Current of VREF
1
µA
VREF = 1.25V
Current Limit IIL
2.2
3
4.5
A
(note 3)
Thermal Protection
Thermal Shutdown Temperature
TSD
125
150
°C
(note 4)
3.3V ≤ VCNTL ≤ 5V, guaranteed by design
Thermal Shutdown Hysteresis
30
°C
Guaranteed by design
Shutdown Specifications
Shutdown Threshold VTRIGGER
0.8
V
Output ON
VREF = 0V
1.25V
0.2
Output OFF
VREF = 1.25V
0V
Note 1: VOS offset is the voltage measurement defined as VOUT subtracted from VREF.
Note 2: Load regulation is measured at constant junction temperature, using pulse testing with a low ON time.
Note 3: Current limit is measured by pulsing a short time.
Note 4: In order to safely operate your system, VCNTL must be > VIN.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com