Electronic Components Datasheet Search
  English  ▼

X  

SP2996B Datasheet(PDF) 5 Page - Exar Corporation

Part # SP2996B
Description  2 Amp DDR Bus Termination Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP2996B Datasheet(HTML) 5 Page - Exar Corporation

  SP2996B Datasheet HTML 1Page - Exar Corporation SP2996B Datasheet HTML 2Page - Exar Corporation SP2996B Datasheet HTML 3Page - Exar Corporation SP2996B Datasheet HTML 4Page - Exar Corporation SP2996B Datasheet HTML 5Page - Exar Corporation SP2996B Datasheet HTML 6Page - Exar Corporation SP2996B Datasheet HTML 7Page - Exar Corporation SP2996B Datasheet HTML 8Page - Exar Corporation SP2996B Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
S
SP
P2
29
99
96
6B
B
2
2 A
Am
mp
p D
DD
DR
R B
Bu
us
s T
Te
errm
miin
na
attiio
on
n R
Re
eg
gu
ulla
atto
orr
© 2010 Exar Corporation
5/9
Rev. 2.0.0
Fig. 9: Output Short Circuit (Sinking)
Fig. 10: Output Short Circuit (Sourcing)
Fig. 11: Transient Response @ 1.25VTT/2A
Fig. 12: Transient Response @ 1.25VTT/2A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com