Electronic Components Datasheet Search
  English  ▼

X  

SP2996B Datasheet(PDF) 1 Page - Exar Corporation

Part # SP2996B
Description  2 Amp DDR Bus Termination Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP2996B Datasheet(HTML) 1 Page - Exar Corporation

  SP2996B Datasheet HTML 1Page - Exar Corporation SP2996B Datasheet HTML 2Page - Exar Corporation SP2996B Datasheet HTML 3Page - Exar Corporation SP2996B Datasheet HTML 4Page - Exar Corporation SP2996B Datasheet HTML 5Page - Exar Corporation SP2996B Datasheet HTML 6Page - Exar Corporation SP2996B Datasheet HTML 7Page - Exar Corporation SP2996B Datasheet HTML 8Page - Exar Corporation SP2996B Datasheet HTML 9Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
S
SP
P2
29
99
96
6B
B
2
2 A
Am
mp
p D
DD
DR
R B
Bu
us
s T
Te
errm
miin
na
attiio
on
n R
Re
eg
gu
ulla
atto
orr
September 2010
Rev. 2.0.0
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The SP2996B voltage regulator is designed to
convert voltage supplies ranging from 1.6V to
6V into a desired output voltage which is
adjusted by an external resistor divider.
The regulator is capable of sourcing or sinking
up
to
2A
of
Continuous
current
while
regulating an output voltage to within 20mV.
The SP2996B provides an excellent voltage
source for active termination schemes of high
speed transmission lines such as those seen in
high speed memory buses and distributed
backplane designs when used in conjunction
with series termination resistors. The voltage
output of the regulator can be used as a
termination voltage for DDR SDRAM, and it
meets
the
JEDEC
SSTL-2
and
SSTL-3
specifications. Current limits in both sourcing
and sinking mode, plus on-chip thermal
shutdown make the circuit tolerant of output
fault conditions.
APPLICATIONS
• DDR Memory Termination
• Active Bus Termination
• Supply Splitter
FEATURES
• Capable of Sourcing and sinking 2A
Continuous Current
• Supports both DDR1 (1.25VTT) and
DDR2 (0.9VTT) Requirements
• Low Output Voltage Offset, ± 20mV
• Thermal and Current Limit Protection
• Integrated Power MOSFETs
• Generates Termination for SSTL-2
• High Accuracy Output at Full Load
• Adjustable VOUT by External Resistors
• Minimal External Components
• Available in 8-Pin NSOIC Package
TYPICAL APPLICATION DIAGRAM
Fig. 1: SP2996B Application Diagram


Similar Part No. - SP2996B

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP2996B SIPEX-SP2996B Datasheet
92Kb / 10P
2A Bus Termination Regulator
SP2996BEN SIPEX-SP2996BEN Datasheet
92Kb / 10P
2A Bus Termination Regulator
SP2996BEN/TR SIPEX-SP2996BEN/TR Datasheet
92Kb / 10P
2A Bus Termination Regulator
More results

Similar Description - SP2996B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655 Datasheet
513Kb / 9P
3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
2A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN1655 FAIRCHILD-FAN1655_06 Datasheet
494Kb / 9P
3A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5517 UTC-UR5517 Datasheet
193Kb / 6P
3A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
2A DDR BUS TERMINATION REGULATOR
UR6515A UTC-UR6515A Datasheet
517Kb / 9P
3A DDR BUS TERMINATION REGULATOR
UR5517 UTC-UR5517_11 Datasheet
1Mb / 9P
3A DDR BUS TERMINATION REGULATOR
logo
ON Semiconductor
NCP51199 ONSEMI-NCP51199 Datasheet
80Kb / 7P
DDR 2-Amp Source / Sink Termination Regulator
March, 2014 ??Rev. 2
logo
Diodes Incorporated
AP2303 DIODES-AP2303 Datasheet
947Kb / 15P
DDR BUS TERMINATION REGULATOR
Rev 3
logo
Unisonic Technologies
UR5513 UTC-UR5513 Datasheet
285Kb / 6P
2A DDR BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com