Electronic Components Datasheet Search
  English  ▼

X  

MAX11270 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX11270
Description  Integrated PGA
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11270 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX11270 Datasheet HTML 7Page - Maxim Integrated Products MAX11270 Datasheet HTML 8Page - Maxim Integrated Products MAX11270 Datasheet HTML 9Page - Maxim Integrated Products MAX11270 Datasheet HTML 10Page - Maxim Integrated Products MAX11270 Datasheet HTML 11Page - Maxim Integrated Products MAX11270 Datasheet HTML 12Page - Maxim Integrated Products MAX11270 Datasheet HTML 13Page - Maxim Integrated Products MAX11270 Datasheet HTML 14Page - Maxim Integrated Products MAX11270 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
(VAVDD = 3.6V, VAVSS = 0V, VDVDD = 2.0V, VREFP = 2.5V, VREFN = 0V; fDATA = 1000sps, External Clock = 8.192MHz; Continuous
conversion mode (SCYCLE = 0); PGA maximum output is 300mV below AVDD and minimum output is 300mV above AVSS,
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
0
50
100
150
200
250
300
350
400
450
-80-70-60-50-40-30-20-10 0 10 20 30 40 50 60 70 80
NOISE (µV)
64ksps NOISE HISTOGRAM
toc09
BYPASS MODE
SINC FILTER
SHORTED INPUTS
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-2.5
-1.5
-0.5
0.5
1.5
2.5
DIFFERENTIAL INPUT (V)
INL vs. INPUT VOLTAGE
TA = +85°C
toc10A
TA = +25°C
TA = -40°C
Bypass Mode
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-2.5
-1.5
-0.5
0.5
1.5
2.5
DIFFERENTIAL INPUT (V)
INL vs. INPUT VOLTAGE
TA = +25°C
toc10B
Buffer Mode
TA = +85°C
TA = -40°C
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-0.65
-0.325
0
0.325
0.65
DIFFERENTIAL INPUT (V)
INL vs INPUT VOLTAGE
TA =+85°C
toc10C
PGA = 4 LN Mode
TA =+25°C
TA = -40°C
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-0.65
-0.325
0
0.325
0.65
DIFFERENTIAL INPUT (V)
INL vs. INPUT VOLTAGE
TA = +85°C
toc10D
PGA = 4 LP Mode
TA = +25°C
TA = -40°C
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-50
0
50
100
150
TEMPERATURE (°C)
OFFSET ERROR
vs. TEMPERATURE
toc11
CALIBRATED AT 25°C
BYPASS MODE
0
1
2
3
4
5
6
7
2.5
3
3.5
4
VAVDD (V)
OFFSET ERROR
vs. AVDD
toc12
CALIBRATED AT VAVDD = 3.15V
BYPASS MODE
0
1
2
3
4
5
6
7
8
9
10
1
2
3
4
VREFP - VREFN (V)
SELF CALIBRATION OFFSET ERROR
vs. VREFP - VREFN
toc13
BYPASS MODE
MAX11270
24-Bit, 10mW, 130dB SNR, 64ksps Delta-Sigma
ADC with Integrated PGA
Maxim Integrated │ 11
www.maximintegrated.com
Typical Operating Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com