Electronic Components Datasheet Search
  English  ▼

X  

MAX11270 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX11270
Description  Integrated PGA
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11270 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX11270 Datasheet HTML 17Page - Maxim Integrated Products MAX11270 Datasheet HTML 18Page - Maxim Integrated Products MAX11270 Datasheet HTML 19Page - Maxim Integrated Products MAX11270 Datasheet HTML 20Page - Maxim Integrated Products MAX11270 Datasheet HTML 21Page - Maxim Integrated Products MAX11270 Datasheet HTML 22Page - Maxim Integrated Products MAX11270 Datasheet HTML 23Page - Maxim Integrated Products MAX11270 Datasheet HTML 24Page - Maxim Integrated Products MAX11270 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Table 4. Single-Cycle Mode Input-Referred Noise (µVRMS) vs. Data Rate and PGA Gain
with Sinc Filter*
DATA
RATE
(sps)
PGA ENABLED: GAIN SETTING
1
2
4
8
16
32
64
128
LN
LP
LN
LP
LN
LP
LN
LP
LN
LP
LN
LP
LN
LP
LN
LP
50
1.620
1.614
1.655
1.643
0.835
0.833
0.423 0.420 0.219 0.219 0.115 0.120 0.067 0.074 0.046 0.055 0.038 0.048
62.5
1.604
1.652
1.648
1.633
0.850
0.847
0.432 0.433 0.225 0.224 0.118 0.125 0.071 0.079 0.049 0.061 0.043 0.054
100
2.502
2.517
2.524
2.571
1.298
1.285
0.653 0.651 0.344 0.346 0.179 0.186 0.105 0.112 0.068 0.080 0.055 0.070
125
2.479
2.493
2.566
2.580
1.296
1.293
0.666 0.670 0.343 0.347 0.183 0.187 0.105 0.117 0.073 0.088 0.061 0.077
200
3.136
3.232
3.298
3.234
1.655
1.644
0.842 0.834 0.432 0.435 0.232 0.240 0.136 0.150 0.094 0.112 0.078 0.101
250
3.204
3.248
3.297
3.301
1.669
1.649
0.847 0.844 0.439 0.441 0.237 0.248 0.142 0.158 0.101 0.122 0.085 0.111
400
4.961
5.031
5.144
5.151
2.580
2.601
1.311 1.310 0.675 0.684 0.361 0.374 0.206 0.224 0.138 0.165 0.112 0.144
500
4.976
5.076
5.153
5.095
2.603
2.612
1.326 1.331 0.688 0.690 0.368 0.388 0.216 0.238 0.151 0.179 0.127 0.162
800
6.371
6.380
6.556
6.533
3.302
3.298
1.682 1.691 0.869 0.881 0.469 0.487 0.277 0.307 0.194 0.234 0.165 0.212
1000
6.381
6.480
6.597
6.628
3.337
3.344
1.710 1.710 0.883 0.899 0.484 0.509 0.294 0.333 0.214 0.264 0.187 0.240
1600
9.983 10.128 10.317 10.336
5.197
5.227
2.648 2.658 1.367 1.390 0.743 0.771 0.440 0.484 0.306 0.368 0.260 0.333
2000
10.201 10.312 10.479 10.516
5.283
5.299
2.699 2.708 1.403 1.434 0.772 0.809 0.473 0.534 0.350 0.425 0.303 0.389
3200
12.812 12.905 13.183 13.192
6.664
6.649
3.391 3.406 1.764 1.786 0.963 1.006 0.583 0.649 0.419 0.511 0.363 0.466
4000
12.996 13.159 13.416 13.415
6.764
6.795
3.464 3.474 1.815 1.843 1.010 1.071 0.634 0.723 0.478 0.591 0.425 0.544
6400
20.411 20.637 21.067 21.080 10.571 10.598 5.395 5.426 2.816 2.842 1.546 1.617 0.940 1.056 0.686 0.837 0.600 0.758
12800
21.755 21.988 22.412 22.461 11.320 11.330 5.806 5.855 3.051 3.129 1.724 1.847 1.114 1.277 0.860 1.056 0.769 0.975
*VIN = 0V. VAVDD = 3.6V, VAVSS = 0V, VREF = 3.6V, TA = +25°C, external clock. Data taken with PGA output 150mV from AVDD
and AVSS. This table is not tested and is based on characterization data.
MAX11270
24-Bit, 10mW, 130dB SNR, 64ksps Delta-Sigma
ADC with Integrated PGA
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com