Electronic Components Datasheet Search
  English  ▼

X  

MAX14872 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX14872
Description  Full-Bridge DC Motor Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14872 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX14872 Datasheet HTML 4Page - Maxim Integrated Products MAX14872 Datasheet HTML 5Page - Maxim Integrated Products MAX14872 Datasheet HTML 6Page - Maxim Integrated Products MAX14872 Datasheet HTML 7Page - Maxim Integrated Products MAX14872 Datasheet HTML 8Page - Maxim Integrated Products MAX14872 Datasheet HTML 9Page - Maxim Integrated Products MAX14872 Datasheet HTML 10Page - Maxim Integrated Products MAX14872 Datasheet HTML 11Page - Maxim Integrated Products MAX14872 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PIN
NAME
FUNCTION
MAX14870 MAX14872
1, 12
1, 12
COM
COM Current Output. Connect a sense resistor (RSENSE) from COM to GND to use internal
current regulation and/or external current control. Connect both COM pins together.
2
2
M1
Motor Driver Output 1. See the Function Tables for more information.
3, 10
3, 10
VDD
Power Supply Input. Bypass VDD to GND with a 1μF ceramic capacitor as close to the
device as possible. Connect both VDD pins together.
4
4
SNS
Current Sense Input. Connect SNS to COM to enable current regulation. To bypass
current regulation, connect SNS to GND.
5
-
PWM
PWM Control Logic Input. PWM and DIR control M1 and M2 on the MAX14870. See the
Function Tables for more information.
6
-
DIR
Direction Control Logic Input. PWM and DIR control M1 and M2 on the MAX14870. See the
Function Tables for more information.
-
5
FWD
Forward Control Logic Input. FWD and REV control M1 and M2 on the MAX14872. See the
Function Tables for more information.
-
6
REV
Reverse Control Logic Input. FWD and REV control M1 and M2 on the MAX14872. See the
Function Tables for more information.
TDFN-EP
3mm x 3mm
* EP = Exposed Pad. Connect to ground.
MAX14870
M2
GND
EN
M1
SNS
PWM
12 COM
COM
VDD
VDD
FAULT
DIR
11
10
9
8
7
1
2
3
4
5
6
*EP
MAX14872
M2
GND
EN
M1
SNS
FWD
12 COM
COM
VDD
VDD
FAULT
REV
11
10
9
8
7
1
2
3
4
5
6
*EP
TOP VIEW
MAX14870/MAX14872
Compact 4.5V to 36V
Full-Bridge DC Motor Drivers
www.maximintegrated.com
Maxim Integrated │ 8
Pin Configuration
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com