Electronic Components Datasheet Search
  English  ▼

X  

MAX14872 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX14872
Description  Full-Bridge DC Motor Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14872 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX14872 Datasheet HTML 5Page - Maxim Integrated Products MAX14872 Datasheet HTML 6Page - Maxim Integrated Products MAX14872 Datasheet HTML 7Page - Maxim Integrated Products MAX14872 Datasheet HTML 8Page - Maxim Integrated Products MAX14872 Datasheet HTML 9Page - Maxim Integrated Products MAX14872 Datasheet HTML 10Page - Maxim Integrated Products MAX14872 Datasheet HTML 11Page - Maxim Integrated Products MAX14872 Datasheet HTML 12Page - Maxim Integrated Products MAX14872 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PIN
NAME
FUNCTION
MAX14870 MAX14872
7
7
FAULT
Open-Drain Active-Low Fault Output. FAULT goes low during an overcurrent condition and
thermal shutdown.
8
8
EN
Active-Low Enable Input. Drive EN low to enable the driver outputs. Drive EN high to
tri-state the driver outputs.
9
9
GND
Ground
11
11
M2
Motor Driver Output 2. See the Function Tables for more information.
-
-
EP
Exposed Pad. Connect to ground.
INPUTS
OUTPUTS
OPERATING MODE
EN
VSNS
PWM
DIR
M1
M2
1
X
X
X
High-Impedance
High-Impedance
Shutdown
0
< VSNS_TH
0
X
GND
GND
Brake
0
< VSNS_TH
1
0
GND
VDD
Counterclockwise/Reverse
0
< VSNS_TH
1
1
VDD
GND
Clockwise/Forward
0
> VSNS_TH
1
0
Switching
Switching
Current Regulation
0
> VSNS_TH
1
1
Switching
Switching
Current Regulation
INPUTS
OUTPUTS
OPERATING MODE
EN
VSNS
FWD
REV
M1
M2
1
X
X
X
High-Impedance High-Impedance
Shutdown
0
< VSNS_TH
0
0
GND
GND
Brake
0
< VSNS_TH
1
0
VDD
GND
Forward
0
< VSNS_TH
0
1
GND
VDD
Reverse
0
< VSNS_TH
1
1
High-Impedance High-Impedance
Tri-State
0
> VSNS_TH
1
0
Switching
Switching
Current Regulation
0
> VSNS_TH
0
1
Switching
Switching
Current Regulation
MAX14870/MAX14872
Compact 4.5V to 36V
Full-Bridge DC Motor Drivers
www.maximintegrated.com
Maxim Integrated │ 9
Pin Description (continued)
MAX14870 Function Table
MAX14872 Function Table
X = Don’t care
X = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com