Electronic Components Datasheet Search
  English  ▼

X  

MAX14872 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX14872
Description  Full-Bridge DC Motor Drivers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14872 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX14872 Datasheet HTML 7Page - Maxim Integrated Products MAX14872 Datasheet HTML 8Page - Maxim Integrated Products MAX14872 Datasheet HTML 9Page - Maxim Integrated Products MAX14872 Datasheet HTML 10Page - Maxim Integrated Products MAX14872 Datasheet HTML 11Page - Maxim Integrated Products MAX14872 Datasheet HTML 12Page - Maxim Integrated Products MAX14872 Datasheet HTML 13Page - Maxim Integrated Products MAX14872 Datasheet HTML 14Page - Maxim Integrated Products MAX14872 Datasheet HTML 15Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Current Regulation
The MAX14870/MAX14872 features internal current
regulation to limit the startup current. Regulation is set
when the motor current (IM) exceeds the current limit
defined by the sense resistor (RSENSE):
IM_MAX = 0.1V/RSENSE
When the motor current exceeds the maximum threshold,
the H-bridge drive is reversed for fast decay for a fixed
time (tOFF = 15μs). The H-bridge is turned back to normal
operation after tOFF.
Fast Decay Mode
When the motor current exceeds the set threshold, the
H-bridge polarity is reversed during the 15μs (typ) tOFF
period. This results in faster motor current decay since
–VDD is applied across the motor’s terminals. The motor
current decrease is first order with an L/R time constant
and proportional to (VDD + VEMF).
Note that if tOFF is larger than the motor’s L/R electrical
time constant, the motor current can reverse direction,
causing the motor to not start.
During fast decay, the motor’s inductive current recircu-
lates through the external VDD supply, which charges up
the VDD bypass capacitor. Therefore, the voltage seen
across RSENSE is negative during the tOFF delay.
Applications Information
Layout Considerations
Connect duplicate pins (COM pins and VDD pins) togeth-
er with low-resistance traces. See the Current Sensing
section for further layout recommendations.
Power Considerations
The MAX14870/MAX14872 driver can generate more
power than the package for the device can safely dissi-
pate. Total power dissipation for the device is calculated
using the following equation:
PTOTAL = PDRIVER + PSW + PD
The power dissipated inside of the driver is calculated as:
PDRIVER = IM2 x RON
Figure 4. Layout Example for Accurate Current Sensing
EP
M1
M2
To SNS
COM
COM
RSENSE
GND
GND
GND
GND
GND
GND
MAX14870/MAX14872
Compact 4.5V to 36V
Full-Bridge DC Motor Drivers
www.maximintegrated.com
Maxim Integrated │ 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com