Electronic Components Datasheet Search
  English  ▼

X  

MAX77342 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX77342
Description  DC-DC Step-Up Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77342 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX77342 Datasheet HTML 9Page - Maxim Integrated Products MAX77342 Datasheet HTML 10Page - Maxim Integrated Products MAX77342 Datasheet HTML 11Page - Maxim Integrated Products MAX77342 Datasheet HTML 12Page - Maxim Integrated Products MAX77342 Datasheet HTML 13Page - Maxim Integrated Products MAX77342 Datasheet HTML 14Page - Maxim Integrated Products MAX77342 Datasheet HTML 15Page - Maxim Integrated Products MAX77342 Datasheet HTML 16Page - Maxim Integrated Products MAX77342 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Typical Operating Characteristics (continued)
(TA=+25°C,unlessotherwisenoted.)
MAX77342
1.6A Adaptive DC-DC Step-Up Converter
with High-Side Flash Driver
Maxim Integrated │ 13
www.maximintegrated.com
PEAK INPUT CURRENT LIMIT
OPERATION (IDCDC_ILIM = 1.4A)
MAX77311 toc15
VOUT
AC-COUPLED
VLX
ILX
IFLED
2V/div
0V
1A/div
0A
1A/div
100mV/div
1A
200ns/div
VIN = 2.5V, IFLED SET TO 1600mA
AND MEASURED AT 860mA
PEAK INPUT CURRENT MEASURED AT 1.5A
PEAK INPUT CURRENT LIMIT
OPERATION (IDCDC_ILIM = 2.1A)
MAX77311 toc16
VOUT
AC-COUPLED
VLX
ILX
IFLED
2V/div
0V
1A/div
0A
1A/div
100mV/div
1A
200ns/div
VIN = 2.5V, IFLED SET TO 1600mA AND
MEASURED AT 1160mA
PEAK INPUT CURRENT MEASURED AT 2.16A
PEAK INPUT CURRENT LIMIT
OPERATION (IDCDC_ILIM = 2.5A)
MAX77311 toc17
VOUT
AC-COUPLED
VLX
ILX
IFLED
2V/div
0V
1A/div
1A
100mV/div
1A/div
1A
200ns/div
VIN = 2.5V, IFLED SET TO 1600mA AND
MEASURED AT 1260mA
PEAK INPUT CURRENT MEASURED AT 2.46A
PEAK INPUT CURRENT LIMIT
OPERATION (IDCDC_ILIM = 2.9A)
MAX77311 toc18
VOUT
AC-COUPLED
VLX
ILX
IFLED
2V/div
0V
1A/div
1A
100mV/div
1A/div
1.5A
200ns/div
VIN = 2.5V, IFLED SET TO 1600mA AND
MEASURED AT 1480mA
PEAK INPUT CURRENT MEASURED AT 2.96A
IFLED MEDIUM CURRENT
RIPPLE (IFLED = 800mA)
MAX77311 toc19a
IFLED
AC-COUPLED
VOUT
AC-COUPLED
20mV/div
10mA/div
400ns/div
IFLED HEAVY CURRENT
RIPPLE (IFLED = 1600mA)
MAX77311 toc19b
IFLED
AC-COUPLED
VOUT
AC-COUPLED
20mV/div
10mA/div
400ns/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com