Electronic Components Datasheet Search
  English  ▼

X  

MAX77342 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX77342
Description  DC-DC Step-Up Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77342 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX77342 Datasheet HTML 17Page - Maxim Integrated Products MAX77342 Datasheet HTML 18Page - Maxim Integrated Products MAX77342 Datasheet HTML 19Page - Maxim Integrated Products MAX77342 Datasheet HTML 20Page - Maxim Integrated Products MAX77342 Datasheet HTML 21Page - Maxim Integrated Products MAX77342 Datasheet HTML 22Page - Maxim Integrated Products MAX77342 Datasheet HTML 23Page - Maxim Integrated Products MAX77342 Datasheet HTML 24Page - Maxim Integrated Products MAX77342 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
MAX77342
1.6A Adaptive DC-DC Step-Up Converter
with High-Side Flash Driver
www.maximintegrated.com
Maxim Integrated │ 21
Adaptive Output Voltage Regulation
The adaptive regulation scheme for the device is achieved
using a digital regulation control loop. The output voltage
is controlled using an internal 8-bit DAC with a 2.6V to
5.3V range and a step size of VADP_SS (10mV). The
effective output voltage range is limited by minimum duty
cycle for the lower limit and the upper limit is limited by
the OVP_D (5.15V) threshold or the peak current limit of
the converter.
When the converter is initially enabled, the converter first
performs a soft-start cycle. During this time the output of the
converter is charged up to the DCDC_SS threshold. This is
done before the current regulator is enabled to ensure there
is sufficient headroom to operate the current regulator.
Once the soft-start is completed, the current regulator
is enabled. The device samples the voltage headroom
across the current regulator to determine if the output volt-
age should be regulated to a higher threshold.
The adaptive regulation has two different behaviors
depending on if the current regulator is ramping up the
current or if the current has reached the final steady-
state level.
During current ramping up, reducing the output voltage
is not allowed by the adaptive regulation. This is done to
ensure that sufficient headroom is always available for the
current regulator. The voltage across the current regula-
tor is sampled every fADPT_SR (125kHz) and the output
is then adjusted VADP_SS (10mV) up or kept at present
level if sufficient headroom is detected.
During the final steady-state current level, the voltage
across the current regulator is sampled at a lower fre-
quency, every fADPT_SR (62.5kHz) and the output is then
adjusted VADP_SS (10mV) up or down depending on the
current regulator headroom.
If the input current limiter is tripped, the device adaptive
control blocks the output voltage from increasing. This is
an indication that insufficient energy is available and the
output is not within regulation. Therefore, increasing the
output voltage in this case does not result in an actual
increase of output voltage, since the input current is limit-
ing the output voltage.
If the adaptive regulation is trying to regulate the output
voltage to a higher threshold than the OVP_D threshold,
the adaptive control loop limits the output voltage to the
OVP_D threshold. If the output condition is trying to regu-
late the output voltage above the OVP_D threshold for a
duration longer than tOVP_D 1.024ms (typ), this gener-
ates a fault condition meaning that the FLED is open and
disables the DC-DC converter and the FLED driver.
Once the initial ramp up of the current regulator is com-
pleted, the sample rate of the adaptive regulation threshold
fADP_SR is changed from 125kHz to 62.5kHz. This is done
to ensure slow changes on the output, hence reducing EMI
issues. In addition, the output voltage is now allowed to
eitherrampupordownoneLSBdependingonthevoltage
headroom measured across the current regulator. The only
exception for this is during the following conditions:
1) Input current limit active. In this case the output is only
allowed to decrease if sufficient headroom is detected
for the current regulator.
2) Output exceeding overvoltage threshold, OVP_D. In
this case the output is only allowed to decrease if suf-
ficient headroom is detected for the current regulator.
UsingtheI2C register, it is possible to read out the actual
adaptive output voltage regulation threshold. This value is
storedintheDCDC_OUTregister,makingitpossiblefor
the application to determine what the adaptive output volt-
age is within the expected range for the current operation.
This result can be used to determine the condition of the
external LED as well as for fault indication.
During a flash event, the adaptive maximum voltage is
stored in the DCDC_OUT_MAX I2C register. This infor-
mation can be used to determine the actual forward
voltage of the LED as well as the peak voltage condition
during the flash event.
See Figure 4 for a state diagram of the adaptive regula-
tion function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com