Electronic Components Datasheet Search
  English  ▼

X  

MAX77342 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX77342
Description  DC-DC Step-Up Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77342 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX77342 Datasheet HTML 35Page - Maxim Integrated Products MAX77342 Datasheet HTML 36Page - Maxim Integrated Products MAX77342 Datasheet HTML 37Page - Maxim Integrated Products MAX77342 Datasheet HTML 38Page - Maxim Integrated Products MAX77342 Datasheet HTML 39Page - Maxim Integrated Products MAX77342 Datasheet HTML 40Page - Maxim Integrated Products MAX77342 Datasheet HTML 41Page - Maxim Integrated Products MAX77342 Datasheet HTML 42Page - Maxim Integrated Products MAX77342 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
MAX77342
1.6A Adaptive DC-DC Step-Up Converter
with High-Side Flash Driver
www.maximintegrated.com
Maxim Integrated │ 39
Table 4. TX_MASK
This register contains control for TX_MASK.
REGISTER NAME
TX_MASK
ADDRESS
0x3h
RESET VALUE
0xCDh
TYPE
Read/Write
SPECIAL FEATURES
—
BIT
NAME
DESCRIPTION
DEFAULT VALUE
B7MSB
FLASH_STB_MASK
EnableofFLASH_STBlogicinput
0:FLASH_STBlogicinputdisabled
1:FLASH_STBlogicinputenabled
1
B6
FLASH_TMR_CNTL
Flash timer control
0: One-shot mode
1: Maximum duration mode
1
B5
—
Reservedforfutureuse
0
B4
DCDC_ILIM[1:0]
Selects current limit for low-side switch
00: 1.4A
01: 2.1A
10: 2.5A
11:2.9A
01
B3
B2
TORCH_EN_MASK
EnableofTORCH_ENlogicinput
0:TORCH_ENlogicinputdisabled
1:TORCH_ENlogicinputenabled
1
B1
IND_SEL
Select operation of single-wire current regulator
0: Do not use
1: Set to indicator function
0
B0LSB
VSEL_STB
VoltageselectionforFLASH_STBinput
0: 1.2V IO
1: 1.8V IO
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com