Electronic Components Datasheet Search
  English  ▼

X  

AS1112 Datasheet(PDF) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AS1112
Description  16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AS1112 Datasheet(HTML) 11 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AS1112 Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1112
Revision 1.13
10 - 19
AS1112
Datasheet - D e t a i l e d D e s c r i p t i o n
Figure 10. Error Detection Timing (GS=FFFFHEX, DC=3FHEX)
Note:
The rising edge of LD latches new data into the internal registers depending on the logic level of the pin MODE. If the pin MODE is tied
GND, the greyscale registers are updated. If the pin MODE is tied to VCC, the dot correction registers are updated.
Delay Between Outputs (only for AS1112 and AS1112B)
The AS1112 uses graduated delay circuits between OUTn outputs. These circuits are contained in the constant-current driver block of the
AS1112 (see Figure 1 on page 1). The average-delay time is 30ns (typ).
The maximum delay is 450ns (typ) from OUT0 to OUT15. The delay scheme works by switching on and switching off each output channel. Thus
the on/off time of each channel is the same regardless of the delay. These delays prevent large inrush currents and switching noise that can
reduce bypass capacitance when the outputs are switched on.
OUTn Enable
All OUTn channels can be collectively switched off with one signal. When OEN is set to 1, all OUTn channels are disabled, regardless of the
device logic operations. The greyscale counter is also reset when OEN is set to 1.
When OEN is set to 0, all OUTn channels are in normal operation.
Setting Maximum Channel Current
The maximum output current per channel is programmed by a single resistor, RIREF, which is placed between pin IREF and GND. The voltage
on pin IREF is set by an internal band gap VIREF (1.24V typ). The maximum channel current is equivalent to the current flowing through RIREF
multiplied by a factor of 31.5. The maximum output current is calculated as:
Where:
VIREF = 1.24V;
RIREF = User-selected external resistor.
Figure 7 on page 7 shows the maximum output current IOUT versus RIREF, where RIREF is the value of the resistor between IREF terminal to
GND, and IOUT is the constant output current of OUT0:OUT15.
Table 9. Pin OEN Truth Table
OEN
OUT0:OUT15
0
Normal Operation
1
Disabled
LD
OEN
GSCLK
SID
>1µs
LODn, LSDn
LODn+1, LSDn+1
Error
Detection
Start
Error
Detection
End
IMAX =
VIREF
RIREF
x 31.5
(EQ 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com