Electronic Components Datasheet Search
  English  ▼

X  

AS1112 Datasheet(PDF) 16 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # AS1112
Description  16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

AS1112 Datasheet(HTML) 16 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button AS1112 Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 14Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 15Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 16Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS AS1112 Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1112
Revision 1.13
15 - 19
AS1112
Datasheet - D e t a i l e d D e s c r i p t i o n
Serial Data Transfer Rate
Figure 17 shows a cascaded arrangement AS1112 devices connected to a controller, building a basic module of an LED display system.
Figure 17. Cascaded Configuration
The maximum number of cascading AS1112 devices depends on the application system and is in the range of 40 devices. The minimum fre-
quency needed can be calculated by the following equations:
Where:
fGSCLK is the minimum frequency needed for GSCLK;
fUPDATE is the update rate of whole cascaded system.
Where:
fCLK is the minimum frequency needed for CLK and SIN;
fUPDATE is the update rate of whole cascaded system;
n is the number of cascaded of AS1112 devices.
IREF
VCC
LD
GSCLK
MODE
OEN
SDO
AS1112
100nF
SDI
XERR
CLK
GND
VCC
...
LD
GSCLK
MODE
OEN
SDO
OUT15
OUT0
AS1112
SDI
XERR
CLK
...
...
SIN
XERR
CLK
LD
GSCLK
MODE
OEN
OUT15
OUT0
SOUT
6
VCC
100k
Ω
VLED
VLED
VLED
VLED
Controller
TEST
IREF
VCC
100nF
GND
VCC
TEST
fGSCLK = 4096 x fUPDATE
(EQ 5)
(EQ 6)
fCLK = 193 x fUPDATE x n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com