| Electronic Components Datasheet Search |
|
AS1112 Datasheet(PDF) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
|
|||||||||||||||||||||||||||||
AS1112 Datasheet(HTML) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS |
|
9 / 20 page ![]() www.austriamicrosystems.com/LED-Driver-ICs/AS1112 Revision 1.13 8 - 19 AS1112 Datasheet - D e t a i l e d D e s c r i p t i o n 9 Detailed Description Serial Interface The AS1112 features a serial interface (CLK, SDI, SDO, LD, OEN and MODE), which can be connected to microcontrollers or digital signal pro- cessors in various configurations. The rising edge of the CLK signal shifts data from pin SDI to the internal register. After all data is clocked in, the serial data is latched into the internal registers at the rising edge of the LD signal. Note: All data is clocked in with the MSB first. Multiple AS1112 devices can be cascaded by connecting the SDO pin of one device with pin SDI of the next device (see Figure 17 on page 15). The SDO pin can also be connected to the microcontroller to receive status information from the AS1112. The serial data format is 96-bit or 192- bit wide, depending on mode of the device (see LD on page 2). Figure 9. Serial Data Input Timing Diagram Error Information Output The open-drain output pin XERR indicates if the device is in one of the two error conditions: overtemperature flag or open LED detect. During normal operation, the internal transistor connected to pin XERR is turned off and the voltage on XERR is pulled up to VCC through an external pullup resistor. If an overtemperature or open LED condition is detected, the internal transistor is switched on, and XERR is pulled to GND. Because XERR is an open-drain output, multiple AS1112 devices can be ORed together and pulled up to VCC with a single pullup resistor (see Figure 17 on page 15). This reduces the number of signals needed to report a system error. To differentiate the overtemperature flag from the open LED detect flag from pin XERR, the open LED detect flag can be masked out by setting OEN = 1 (see Table 8). DCn MSB GSn MSB DCn-1 MSB-1 DCn-1 LSB DCn MSB X X DCn LSB SID MSB X DCn-1 MSB-1 DCn+1 MSB GSn LSB MODE SDI CLK SDO LD Dot Correction Mode Data Input Cycle Greyscale Mode Data Input Cycle Dot Correction Mode Data Input Cycle tH3 tSU3 tH3 tH2 tSU2 tSU2 96 1 1 192 1 2 DCn-1 LSB DCn-1 MSB |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |