Electronic Components Datasheet Search
  English  ▼

X  

MFFT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MFFT
Description  MINIMUM FILM-FORMING TEMPERATURE BAR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFFT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MFFT Datasheet HTML 1Page - List of Unclassifed Manufacturers MFFT Datasheet HTML 2Page - List of Unclassifed Manufacturers MFFT Datasheet HTML 3Page - List of Unclassifed Manufacturers MFFT Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specification
Platen............................Copper, dull nickel plated
(other options available).
Platen dimensions ........483mm X 235mm.
Parallel tracks................Using 1" cube applicator
supplied: max 10.
Weight............................38kg. (851b).
Dimensions....................550mm wide x 350mm
high x 610mm deep.
Temperature sensing....10 points on centreline at
width intervals 37mm.
Display...........................Point temperature and
temperature differential
between adjacent points.
Sensor accuracy.............0.1 degrees C+.070C
Indication......................Lamps: Instrument ON,
heating, cooling.
Alarms............................Audible and visual for
water flow failure.
MINIMUM
FILM-FORMING TEMPERATURE BAR
Services required
Mains
220-240 volts a.c.
110-115 volts a.c.
Air
4 litres/min @ 100 psig
Water
Normal mains supply
Water drain
Gravity
Complete Instrument Comprises
MFFT Instrument
Mains cable
Air connector
Water connectors
Roving temperature sensor
type 166-177 C.
Cube applicator. 75
µ x 1" cube
Guide bar
Quantity - Dessicant
Quantity - Indicator crystals
5 Hypodermic type dispensers
Spatula
Spare fuses
Instruction book
Hinged transparent cover plate raised allows
clear access for track laying and cleaning.
Special options
Extended range by the addition of three
programmes, 43-70, 53-80,63-90 deg C.
Unplated copper platen
Unit for nitrogen supply, no air processor fitted
Optional extras
Additional cube applicators
Frame for up to 5 applicators
MFFT DETERMINATION:
One continuous track displays the evenness of
the heating, cooling and air flow.
A photographic record of the performance of
every instrument is made before despatch.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com