Electronic Components Datasheet Search
  English  ▼

X  

MFFT Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MFFT
Description  MINIMUM FILM-FORMING TEMPERATURE BAR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFFT Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MFFT Datasheet HTML 1Page - List of Unclassifed Manufacturers MFFT Datasheet HTML 2Page - List of Unclassifed Manufacturers MFFT Datasheet HTML 3Page - List of Unclassifed Manufacturers MFFT Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OPERATION
In practice the instrument is switched on
and the programme chosen, air and water
having been connected. An equilibrium con-
dition is noted after about 20 minutes (the
time may be less dependant on the pro-
gramme chosen). At equilibrium the heat-
ing cooling lamps illuminate at very low fre-
quency. Several tracks are laid down in quick
succession using an applicator, normally a
75 micron (3 mil.) cube applicator.The tracks
may be laid down left to right or right to left,
but the most common form is a U horizon-
tal, with the track starting and finishing at
Alarm and ON Module
1 Mains switch -On/ Off
2 Coolant failure alarm
3 Coolant failure lamp
4 Heating lamp indicator
5 Cooling lamp indicator
the right, warm end. Two tracks are nor-
mally laid down last as a control, using an
emulsion of known MFFT.
A clearly defined limit of coalescence will
show in about 80 minutes and the cursor
may then be used to read off the MFFT
temperature. Pigmented emulsions may be
tested but the determination is more diffi-
cult to see. Most operators, however, find
that they can readily discern the determi-
nation temperature. This can be proven by
gently scraping the surface of the film us-
ing a wooden spatula.
Indication
Module
6 Temp. display
7 Probe socket
8 Temp. mode switch
9 Temp. sensor selector
The air conditioning and control unit, showing the air
connection
Control Module
10 Heating LED
11 Cooling LED
12 Programme selector
RHOPOINT
INSTRUMENTATION LTD
RHOPOINT INSTRUMENTATION LTD
Beeching Road, Bexhill-on-sea
East Sussex,TN39 3LG
email: instrumentation@rhopoint,co,uk
Shipping Details
Carton dimensions.. 29” x 18.5” x 26”
737mm x 470mm x 661mm
Gross Weight.......... 106lb, 48kg
The roving probe
The MFFT Bar is manufactured under licence to I.C.I.plc
75 micron
ring applicator
75 micron
cube applicator



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com