Electronic Components Datasheet Search
  English  ▼

X  

MFFT Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MFFT
Description  MINIMUM FILM-FORMING TEMPERATURE BAR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MFFT Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MFFT Datasheet HTML 1Page - List of Unclassifed Manufacturers MFFT Datasheet HTML 2Page - List of Unclassifed Manufacturers MFFT Datasheet HTML 3Page - List of Unclassifed Manufacturers MFFT Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MINIMUM FILM-FORMING TEMPERATURE BAR
A nickel plated copper platen is electronically cooled
at one end and warmed at the other end. Air or ni-
trogen is caused to flow over the surface, from cool
end to warm end as a uniform blanket. To achieve
the required degree of uniformity the air or gas is
delivered via a carefully designed sintered metal
distribution block; the design is such that freezing
does not take place at the inlet.
For use with air, a drying system is incorporated
into the housing together with a flow controller. The
air dryer contains indicator crystals which are
clearly visible in a transparent container. The com-
plete air conditioning system is readily accessible
at the side of the instrument.
Water at normal mains pressure removes the ex-
cess heat from the coolers. Quick release couplings
are provided. Water is normally drawn from a labo-
ratory tap and the outlet is run to drain by gravity.
Alarms, both audible and visual are actuated in the
event of cooling water supply failure.
PRINCIPLE OF OPERATION
The “minimum film-forming temperature” has been
described as “the minimum temperature at which a
water-borne synthetic latex or emulsion will coa-
lesce when laid on a substrate as a thin film. When
this process occurs, in the absence of pigmenta-
tion or other opacifying materials, a clear transpar-
ent film is formed. At lower temperatures than the
minimum, a white, powdery, cracked film will re-
sult”.
The minimum film-forming temperature is usually
closely related to the glass transition temperature
Tg but not synonymous with it; whilst the Tg may be
determined by predicted calculation, the minimum
film-forming temperature is best determined by the
use of a MFFT Bar; the basic principles of which
are described in ASTM D2354. Early instruments
were usually cumbersome, inaccurate and slow to
achieve equilibrium. I.C.I. plc devised a simple inte-
grated instrument which was able to achieve the de-
sired results quickly and efficiently. The initial de-
velopment was carried out in I.C.I. Paints’ laborato-
ries.
Temperature sensors are mounted at intervals under
the surface of the platen. These are used to control
the temperature of the platen in accordance with the
chosen programme. They are also used to indicate
the platen temperatures down the length of the bar, or
they can be switched to indicate differential tempera-
tures between adjacent sensing points, so providing
an instantaneous indication of temperature gradient.
A roving probe temperature sensor is provided to
facilitate temperature measurement at every point
on the platen, it also serves to check the static
sensors.
A hinged perspex cover over the platen provides
thermal insulation whilst allowing visual inspection
of the determination as it progresses. A transparent
cursor is mounted on the cover to simplify the iden-
tification of the exact minimum film-forming tempera-
ture.
Programmes
Standard model MFFT-60
Degrees C.
Cool end (Left)
-5
0
+5
+15
+23
+33
Warm end (Right)
+13
+18
+23
+33
+50
+60
Extended range model MFFT 90
Additional programmes
Cool end
+43
+53
+63
Warm end
+70
+8
+90



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com