Electronic Components Datasheet Search
  English  ▼

X  

B36 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # B36
Description  Flexible Ultra-Low Jitter Clock Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

B36 Datasheet(HTML) 5 Page - Micrel Semiconductor

  B36 Datasheet HTML 1Page - Micrel Semiconductor B36 Datasheet HTML 2Page - Micrel Semiconductor B36 Datasheet HTML 3Page - Micrel Semiconductor B36 Datasheet HTML 4Page - Micrel Semiconductor B36 Datasheet HTML 5Page - Micrel Semiconductor B36 Datasheet HTML 6Page - Micrel Semiconductor B36 Datasheet HTML 7Page - Micrel Semiconductor B36 Datasheet HTML 8Page - Micrel Semiconductor B36 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Micrel, Inc.
SM803020
July 22, 2013
5
Revision 1.0
hbwhelp@micrel.com or (408) 955-1690
Pin Number
Pin Name
Pin Type
Pin Level
Pin Function
B19, B32
NC
A25
VCXO_OUT
O, SE
VCXO output, 8 to 10pF, programmable
A26
VCXO_IN
I, SE
VCXO input, 8 to 10pF, programmable
A24
VC
I
Control voltage for VCXO, positive slope
Truth Tables
PLL_BYPASS
XTAL_SEL
OEA
OEB
OEC
OED
Input
Output
0
−
1
1
1
1
−
PLL
1
−
1
1
1
1
−
XTAL/REF_IN
−
0
1
1
1
1
REF_IN
−
−
1
1
1
1
1
XTAL
−
−
−
0
1
1
1
−
QA Tri-state
−
−
1
0
1
1
−
QB Tri-state
−
−
1
1
0
1
−
QC Tri-state
−
−
1
1
1
0
−
QD Tri-state
FSEL
Output Frequency (MHz)
1
Primary
0
Secondary
Output Logic Programming
Available output logic types are LVPECL (default), LVDS,
HCSL and LVCMOS.
Each output can be programmed individually to any of the
four logic types through SPI.
Unused outputs can be disabled to high impedance.
All logic types are differential except LVCMOS. LVCMOS
signals are single ended coming out of the Qx pins. During
LVCMOS operation the /Qx pins are disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com